Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 49Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 50Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 51Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 52Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 53Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 54Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 55Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 56Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 53 of 144
POWER QUALITY MEASUREMENTS
Zero-Crossing Detection
Each ADE7566/ADE7569/ADE7166/ADE7169 has a zero-
crossing detection circuit on the voltage channel. This zero
crossing is used to produce a zero-crossing internal signal (ZX)
and is used in calibration mode.
The zero-crossing is generated by default from the output of
LPF1. This filter has a low cut-off frequency and is intended for
50 Hz and 60 Hz systems. If needed, this filter can be disabled
to allow a higher frequency signal to be detected or to limit the
group delay of the detection. If the voltage input fundamental
frequency is below 60 Hz, and a time delay in ZX detection is
acceptable, it is recommended to enable LPF1. Enabling LPF1
limits the variability in the ZX detection by eliminating the high
frequency components. Figure 54 shows how the zero-crossing
signal is generated.
×1, ×2, ×4,
×8, ×16
ADC 2
REFERENCE
LPF1
f–3dB = 63.7Hz
PGA2
{GAIN [7:5]}
VP
VN
V2
ZERO
CROSS
ZX
HPF
MODE 1[6]
43.24° @ 60Hz
1.0
0.73
ZX
V2
LPF1
Figure 54. Zero-Crossing Detection on the Voltage Channel
The zero-crossing signal ZX is generated from the output of
LPF1 (bypassed or not). LPF1 has a single pole at 63.7 Hz (at
MCLK = 4.096 MHz). As a result, there is a phase lag between
the analog input signal V2 and the output of LPF1. The phase
lag response of LPF1 results in a time delay of approximately
2 ms (@ 60 Hz) between the zero crossing on the analog inputs
of the voltage channel and ZX detection.
The zero-crossing detection also drives the ZX flag in the
Interrupt Status 3 SFR (MIRQSTH, 0xDE). If the ZX bit in the
Interrupt Enable 3 SFR (MIRQENH, 0xDB) is set, the 8052 core
has a pending ADE interrupt. The ADE interrupt stays active
until the ZX status bit is cleared (see the Energy Measurement
Interrupts section).
Zero-Crossing Timeout
The zero-crossing detection also has an associated timeout
register, ZXTOUT. This unsigned, 12-bit register is decremented
(1 LSB) every 160/MCLK seconds. The register is reset to its
user programmed, full-scale value every time a zero crossing is
detected on the voltage channel. The default power-on value in
this register is 0xFFF. If the internal register decrements to 0
before a zero crossing is detected in the Interrupt Status 3 SFR
(MIRQSTH, 0xDE), and the ZXTO bit in the Interrupt Enable 3
SFR (MIRQENH, 0xDB) is set, the 8052 core has a pending
ADE interrupt.
The ADE interrupt stays active until the ZXTO status bit is
cleared (see the Energy Measurement Interrupts section). The
ZXOUT register (Address 0x11) can be written to or read by the
user (see the Energy Measurement Register List section). The
resolution of the register is 160/MCLK seconds per LSB. Thus,
the maximum delay for an interrupt is 0.16 seconds (1/MCLK ×
212) when MCLK = 4.096 MHz.
Figure 55 shows the mechanism of the zero-crossing timeout
detection when the line voltage stays at a fixed dc level for more
than MCLK/160 × ZXTOUT seconds.
12-BIT INTERNAL
REGISTER VALUE
ZXTOUT
ZXTO
FLAG
BIT
VOLTAGE
CHANNEL
Figure 55. Zero-Crossing Timeout Detection
Period or Frequency Measurements
The ADE7566/ADE7569/ADE7166/ADE7169 provide the
period or frequency measurement of the line. The period or
frequency measurement is selected by clearing or setting the
FREQSEL bit in the MODE2 register (0x0C). The period/
frequency register, PER_FREQ Register (0x0A), is an unsigned
16-bit register that is updated every period. If LPF1 is enabled, a
settling time of 1.8 seconds is associated with this filter before
the measurement is stable.
When the period measurement is selected, the measurement has a
2.44 μs/LSB (4.096 MHz/10), which represents 0.014% when the
line frequency is 60 Hz. When the line frequency is 60 Hz, the value
of the period register is approximately 0d6827. The length of
the register enables the measurement of line frequencies as low
as 12.5 Hz. The period register is stable at ±1 LSB when the line
is established and the measurement does not change.
When the frequency measurement is selected, the measurement
has a 0.0625 Hz/LSB resolution when MCLK = 4.096 MHz,
which represents 0.104% when the line frequency is 60 Hz.
When the line frequency is 60 Hz, the value of the frequency
register is 0d960. The frequency register is stable at ±4 LSB when
the line is established and the measurement does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com