Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 51Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 52Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 53Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 54Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 55Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 56Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 57Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 58Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 55 of 144
PHASE COMPENSATION
RMS CALCULATION
The ADE7566/ADE7569/ADE7166/ADE7169 must work with
transducers that can have inherent phase errors. For example, a
phase error of 0.1° to 0.3° is not uncommon for a current
transformer (CT). These phase errors can vary from part to part,
and they must be corrected to perform accurate power
calculations. The errors associated with phase mismatch are
particularly noticeable at low power factors. The ADE7566/
ADE7569/ADE7166/ADE7169 provide a means of digitally
calibrating these small phase errors. The part allows a small
time delay or time advance to be introduced into the signal
processing chain to compensate for small phase errors. Because
the compensation is in time, this technique should only be used
for small phase errors in the range of 0.1° to 0.5°. Correcting
large phase errors using a time shift technique can introduce
significant phase errors at higher harmonics.
The root mean square (rms) value of a continuous signal V(t) is
defined as
∫
×
=
T
rms
dt
t
V
T
V
0
2
)
(
1
(3)
For time sampling signals, rms calculation involves squaring the
signal, taking the average, and obtaining the square root. The
ADE7566/ADE7569/ADE7166/ADE7169 implement this
method by serially squaring the input, averaging them, and then
taking the square root of the average. The averaging part of this
signal processing is done by implementing a low-pass filter
(LPF3 in Figure 59, Figure 61, and Figure 62). This LPF has a
−3 dB cut-off frequency of 2 Hz when MCLK = 4.096 MHz.
()
)
sin(
2
t
V
t
V
ω
×
=
(4)
The phase calibration register (PHCAL[7:0]) is a twos complement,
signed, single-byte register that has values ranging from 0x82
(−126d) to 0x68 (+104d).
where V is the rms voltage.
( t
V
V
t
V
ω
−
=
2
cos
)
(
2
2
2
)
(5)
The PHCAL register is centered at 0x40, meaning that writing
0x40 to the register gives 0 delay. By changing this register, the
time delay in the voltage channel signal path can change from
−231.93 μs to +48.83 μs (MCLK = 4.096 MHz). One LSB is
equivalent to 1.22 μs (4.096 MHz/5) time delay or advance. A
line frequency of 60 Hz gives a phase resolution of 0.026° at the
fundamental (that is, 360° × 1.22 μs × 60 Hz).
When this signal goes through LPF3, the cos(2ωt) term is attenu-
ated and only the dc term Vrms2 goes through (see Figure 59).
V
LPF3
INPUT
V 2
(t) = V2 – V2 cos(2ωt)
V 2
(t) = V2
V
(t) = √2 × V sin(ωt)
Figure 58 illustrates how the phase compensation is used to
remove a 0.1° phase lead in the current channel due to the
external transducer. To cancel the lead (0.1°) in the current
channel, a phase lead must also be introduced into the voltage
channel. The resolution of the phase adjustment allows the
introduction of a phase lead in increments of 0.026°. The phase
lead is achieved by introducing a time advance into the voltage
channel. A time advance of 4.88 μs is made by writing −4 (0x3C)
to the time delay block, thus reducing the amount of time delay
by 4.88 μs, or equivalently, a phase lead of approximately 0.1° at a
line frequency of 60 Hz (0x3C represents −4 because the register is
centered with 0 at 0x40).
Figure 59. RMS Signal Processing
The Irms signal can be read from the waveform register by setting
the WAVMODE register (0x0D) and setting the WFSM bit in
the Interrupt Enable 3 SFR (MIRQENH, 0xDB). Like the
current and voltage channels waveform sampling modes, the
waveform data is available at sample rates of 25.6 kSPS,
12.8 kSPS, 6.4 kSPS, or 3.2 kSPS.
It is important to note that when the current input is larger than
40% of full scale, the Irms waveform sample register does not
represent the true processed rms value. The rms value processed
with this level of input is larger than the 24-bit read by the wave-
form register, making the value read truncated on the high end.
1
1
0
1
0
0
1
70
PGA1
IPA
IN
I
ADC 1
HPF
24
PGA2
VP
VN
V
ADC 2
24
LPF2
V
I
60Hz
0.1°
I
V
CHANNEL 2 DELAY
REDUCED BY 4.48µs
(0.1°LEAD AT 60Hz)
0x0B IN PHCAL[7:0]
PHCAL[7:0]
–231.93µs TO +48.83µs
60Hz
1
1
DELAY BLOCK
1.22µs/LSB
Figure 58. Phase Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com