Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 38Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 39Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 40Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 41Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 42Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 43Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 44Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 45Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 42 of 144
Bit
Mnemonic
Default
Description
1
FREQSEL
Configuration Bits to Select Period or Frequency Measurement for PER_FREQ Register
(0x0A).
FREQSEL
Result
0
PER_FREQ register holds a period measurement.
1
PER_FREQ register holds a frequency measurement.
0
WAVEN
0
When set, the waveform sampling mode is enabled.
1 This function is not available in the ADE7566 and ADE7166.
Table 34. WAVMODE Register (0x0D)
Bit
Mnemonic
Default
Description
7 to 5
WAV2SEL[2:0]
000
Waveform 2 Selection for Samples Mode.
WAV2SEL[2:0]
Source
000
Current
001
Voltage
010
Active power multiplier output
011
Reactive power multiplier output1
100
VA multiplier output
101
Irms LPF output
Others
Reserved
4 to 2
WAV1SEL[2:0]
000
Waveform 1 Selection for Samples Mode.
WAV1SEL[2:0]
Source
000
Current
001
Voltage
010
Active power multiplier output
011
Reactive power multiplier output1
100
VA multiplier output
101
Irms LPF output (low 24-bit)
Others
Reserved
1 to 0
DTRT[1:0]
00
Waveform Samples Output Data Rate.
DTRT[1:0]
Update Rate (Clock = fCORE/5 = 819.2 kHz)
00
25.6 kSPS (clock/32)
01
12.8 kSPS (clock/64)
10
6.4 kSPS (clock/128)
11
3.2 kSPS (clock/256)
1 This function is not available in the ADE7566 and ADE7166.
Table 35. NLMODE Register (0x0E)
Bit
Mnemonic
Default
Description
7
DISVARCMP1
0
Setting this bit disables fundamental VAR gain compensation over line frequency.
6
IRMSNOLOAD
0
Logic 1 enables Irms no-load threshold detection. The level is defined by the setting of the
VANOLOAD bits.
5 to 4
VANOLOAD[1:0]
00
Apparent Power No-Load Threshold.
VANOLOAD[1:0]
Result
00
No-load detection disabled
01
No-load detection enabled with threshold = 0.030% of full scale
10
No-load detection enabled with threshold = 0.015% of full scale
11
No-load detection enabled with threshold = 0.0075% of full scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com