Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 95Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 96Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 97Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 98Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 99Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 100Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 101Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 102Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 99 of 144
Table 86. LCD Pointer SFR (LCDPTR, 0xAC)
Bit
Mnemonic
Default
Description
7
R/W
0
Read or Write LCD Bit. If this bit is set (1), the data in LCDDAT is written to the address indicated
by the LCDPTR[5:0] bits.
6
RESERVED
0
Reserved.
5 to 0
ADDRESS
0
LCD Memory Address (see Table 89).
Table 87. LCD Data SFR (LCDDAT, 0xAE)
Bit
Mnemonic
Default
Description
7 to 0
LCDDATA
0
Data to be written into or read out of the LCD Memory SFRs.
Table 88. LCD Segment Enable 2 SFR (LCDSEGE2, 0xED)
Bit
Mnemonic
Default
Description
7 to 4
RESERVED
0
Reserved.
3
FP19EN
0
FP19 Function Select Bit. 0 = General-Purpose I/O, 1 = LCD function.
2
FP18EN
0
FP18 Function Select Bit. 0 = General-Purpose I/O, 1 = LCD function.
1
FP17EN
0
FP17 Function Select Bit. 0 = General-Purpose I/O, 1 = LCD function.
0
FP16EN
0
FP16 Function Select Bit. 0 = General-Purpose I/O, 1 = LCD function.
LCD SETUP
The LCD Configuration SFR (LCDCON, 0x95) configures the
LCD module to drive the type of LCD in the user end system.
The BIAS and LMUX[1:0] bits in this SFR should be set according
to the LCD specifications.
The COM2/FP28 and COM3/FP27 pins default to LCD segment
lines. Selecting the 3× multiplex level in the LCD Configuration
SFR (LCDCON, 0x95) by setting LMUX[1:0] to 2d changes the
FP28 pin functionality to COM2. The 4× multiplex level selection,
LMUX[1:0] = 3d, changes the FP28 pin functionality to COM2
and the FP27 pin functionality to COM3.
LCD segments FP0 to FP15 and FP26 are enabled by default.
Additional pins are selected for LCD functionality in the LCD
Segment Enable SFR (LCDSEGE, 0x97) and LCD Segment
Enable 2 SFR (LCDSEGE2, 0xED) where there are individual
enable bits for the FP16 to FP25 segment pins. The LCD pins do
not have to be enabled sequentially. For example, if the alternate
function of FP23, the Timer 2 input, is required, any of the
other shared pins, FP16 to FP25, can be enabled instead.
The Display Element Control section contains details about
setting up the LCD data memory to turn individual LCD
segments on and off. Setting the LCDRST bit in the LCD
Configuration SFR (LCDCON, 0x95) resets the LCD data
memory to its default (0). A power-on reset also clears the
LCD data memory.
LCD TIMING AND WAVEFORMS
An LCD segment acts like a capacitor that is charged and
discharged at a certain rate. This rate, the refresh rate, determines
the visual characteristics of the LCD. A slow refresh rate results
in the LCD blinking on and off between refreshes. A fast refresh
rate presents a screen that appears to be continuously lit. In
addition, a faster refresh rate consumes more power.
The frame rate, or refresh rate, for the LCD module is derived
from the LCD clock, fLCDCLK. The LCD clock is selected as 2048 Hz
or 128 Hz by the CLKSEL bit in the LCD Configuration SFR
(LCDCON, 0x95). The minimum refresh rate needed for the
LCD to appear solid (without blinking) is independent of the
multiplex level.
The LCD waveform frequency, fLCD, is the frequency at which
the LCD switches the active common line. Thus, the LCD
waveform frequency depends heavily on the multiplex level.
The frame rate and LCD waveform frequency are set by fLCDCLK,
the multiplex level, and the FD[3:0] frame rate selection bits in
the LCD Clock SFR (LCDCLK, 0x96).
The LCD module provides 16 different frame rates for
fLCDCLK = 2048 Hz, ranging from 8 Hz to 128 Hz for an
LCD with 4× multiplexing. Fewer options are available
with fLCDCLK = 128 Hz, ranging from 8 Hz to 32 Hz for a
4× multiplexed LCD. The 128 Hz clock is beneficial for
battery operation because it consumes less power than the
2048 Hz clock. The frame rate is set by the FD[3:0] bits in the
LCD Clock SFR (LCDCLK, 0x96); see Table 83 and Table 84.
The LCD waveform is inverted at twice the LCD waveform
frequency, fLCD. This way, each frame has an average dc offset
of zero. ADC offset degrades the lifetime and performance of
the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com