Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 22Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 23Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 24Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 25Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 26Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 27Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 28Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 29Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 26 of 144
Table 17. Power Management Interrupt Flag SFR (IPSMF, 0xF8)
Bit
Address
Mnemonic
Default
Description
7
0xFF
FPSR
0
Power Supply Restored Interrupt Flag. Set when the VDD power supply has been restored.
This occurs when the source of VSWOUT changes from VBAT to VDD.
6
0xFE
FPSM
0
PSM Interrupt Flag. Set when an enabled PSM interrupt condition occurs.
5
0xFD
FSAG
0
Voltage SAG Interrupt Flag. Set when an ADE energy measurement SAG condition occurs.
4
0xFC
RESERVED
0
This bit must be kept cleared for proper operation.
3
0xFB
FVADC
0
VDCIN Monitor Interrupt Flag. Set when VDCIN changes by VDCIN_DIFF or when VDCIN
measurement is ready.
2
0xFA
FBAT
0
VBAT Monitor Interrupt Flag. Set when VBAT falls below BATVTH or when VBAT measurement is ready.
1
0xF9
FBSO
0
Battery Switchover Interrupt Flag. Set when VSWOUT switches from VDD to VBAT.
0
0xF8
FVDCIN
0
VDCIN Monitor Interrupt Flag. Set when VDCIN falls below 1.2 V.
Table 18. Battery Switchover Configuration SFR (BATPR, 0xF5)
Bit
Mnemonic
Default
Description
7 to 2
Reserved
00
These bits must be kept to 0 for proper operation.
Control Bits for Battery Switchover.
BATPRG[1:0]
Result
00
Battery switchover enabled on low VDD
01
Battery switchover enabled on low VDD and low VDCIN
1 to 0
BATPRG[1:0]
00
1X
Battery switchover disabled
Table 19. Peripheral Configuration SFR (PERIPH, 0xF4)
Bit
Mnemonic
Default
Description
7
RXFLAG
0
If set, indicates that an Rx edge event triggered wake-up from PSM2.
6
VSWSOURCE
1
Indicates the power supply that is internally connected to VSWOUT (0 VSWOUT = VBAT, 1 VSWOUT = VDD).
5
VDD_OK
1
If set, indicates that VDD power supply is ready for operation.
4
PLL_FLT
0
If set, indicates that a PLL fault occurred where the PLL lost lock. Set the PLLACK bit (see Table 50) in
the Start ADC Measurement SFR (ADCGO, 0xD8) to acknowledge the fault and clear the PLL_FLT bit.
3
REF_BAT_EN
0
Set this bit to enable internal voltage reference in PSM2 mode. This bit should be set if LCD is on in
PSM2 mode.
2
Reserved
0
This bit should be kept to zero.
Controls the function of the P1.0/RxD pin.
RXPROG[1:0]
Result
00
GPIO
01
RxD with wake-up disabled
1 to 0
RXPROG[1:0]
00
11
RxD with wake-up enabled
Table 20. Power Management Interrupt Enable SFR (IPSME, 0xEC)
Bit
Interrupt Enable Bit
Default
Description
7
EPSR
0
Enables a PSM interrupt when the power supply restored flag (FPSR) is set.
6
RESERVED
0
Reserved.
5
ESAG
0
Enables a PSM interrupt when the voltage SAG flag (FSAG) is set.
4
RESERVED
0
This bit must be kept cleared for proper operation.
3
EVADC
0
Enables a PSM interrupt when the VADC monitor flag (FVADC) is set.
2
EBAT
0
Enables a PSM interrupt when the VBAT monitor flag (FBAT) is set.
1
EBSO
0
Enables a PSM interrupt when the battery switchover flag (FBSO) is set.
0
EVDCIN
0
Enables a PSM interrupt when the VDCIN monitor flag (FVDCIN) is set.
Table 21. Scratch Pad 1 SFR (SCRATCH1, 0xFB)
Bit
Mnemonic
Default
Description
7 to 0
SCRATCH1
0
Value can be written/read in this register. This value is maintained in all the power saving modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com