Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 44Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 45Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 46Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 47Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 48Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 49Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 50Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 51Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 48 of 144
409.6
0
819.2
2
FREQUENCY (kHz)
SAMPLING
FREQUENCY
ALIASING EFFECTS
IMAGE
FREQUENCIES
Antialiasing Filter
Figure 43 also shows an analog low-pass filter (RC) on the input
to the modulator. This filter is present to prevent aliasing, an
artifact of all sampled systems. Aliasing means that frequency
components in the input signal to the ADC, which are higher
than half the sampling rate of the ADC, appear in the sampled
signal at a frequency below half the sampling rate. Figure 44
illustrates the effect. Frequency components (the black arrows)
above half the sampling frequency (also know as the Nyquist
frequency, that is, 409.6 kHz) are imaged or folded back down
below 409.6 kHz. This happens with all ADCs regardless of the
architecture. In the example shown, only frequencies near the
sampling frequency (819.2 kHz) move into the band of interest
for metering (40 Hz to 2 kHz). This allows the use of a very
simple LPF (low-pass filter) to attenuate high frequency (near
819.2 kHz) noise and prevents distortion in the band of interest.
Figure 44. ADC and Signal Processing in Current Channel Outline Dimensions
ADC Transfer Function
Both ADCs in the ADE7566/ADE7569/ADE7166/ADE7169 are
designed to produce the same output code for the same input
signal level. With a full-scale signal on the input of 0.4 V and an
internal reference of 1.2 V, the ADC output code is nominally
2,147,483 or 0x20C49B. The maximum code from the ADC is
±4,194,304; this is equivalent to an input signal level of ±0.794 V.
However, for specified performance, it is recommended that the
full-scale input signal level of 0.4 V not be exceeded.
For conventional current sensors, a simple RC filter (single-pole
LPF) with a corner frequency of 10 kHz produces an attenuation
of approximately 40 dB at 819.2 kHz (see Figure 44). The 20 dB
per decade attenuation is usually sufficient to eliminate the
effects of aliasing for conventional current sensors. However, for
a di/dt sensor such as a Rogowski coil, the sensor has a 20 dB
per decade gain. This neutralizes the −20 dB per decade
attenuation produced by one simple LPF. Therefore, when using
a di/dt sensor, care should be taken to offset the 20 dB per
decade gain. One simple approach is to cascade two RC filters
to produce the −40 dB per decade attenuation needed.
Current Channel ADC
Figure 45 shows the ADC and signal processing chain for the
current channel. In waveform sampling mode, the ADC outputs
a signed, twos complement, 24-bit data-word at a maximum of
25.6 kSPS (4.096 MHz/160).
With the specified full-scale analog input signal of 0.4 V and
PGA1 = 1, the ADC produces an output code that is approximately
between 0x20C49B (+2,147,483d) and 0xDF3B65 (−2,147,483d).
For inputs of 0.25 V, 0.125 V, 82.6 mV, and 31.3 mV with PGA1 = 2,
4, 8, and 16, respectively, the ADC produces an output code that
is approximately between 0x28F5C2 (+2,684,354d) and 0xD70A3E
(–2,684,354d).
PGA1
ADC
IPA
IN
I
REFERENCE
×1, ×2, ×4
×8, ×16
{GAIN[2:0]}
HPF
DIGITAL
INTEGRATOR*
dt
MODE 1[5]
CURRENT RMS (Irms)
CALCULATION
WAVEFORM SAMPLE
REGISTER
ACTIVE AND REACTIVE
POWER CALCULATION
0V
V1
ANALOG
INPUT
RANGE
0.25V, 0.125V,
62.5mV, 31.3mV
CURRENT CHANNEL
WAVEFORM
DATA RANGE
0x28F5C2
0x000000
0xD70A3E
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (50Hz)
0x342CD0
0x000000
0xCBD330
CURRENT CHANNEL
WAVEFORM
DATA RANGE AFTER
INTEGRATOR (60Hz)
0x2B7850
0x000000
0xD487B0
60Hz
50Hz
*WHEN DIGITAL INTEGRATOR IS ENABLED, FULL-SCALE OUTPUT DATA IS ATTENUATED
DEPENDING ON THE SIGNAL FREQUENCY BECAUSE THE INTEGRATOR HAS A –20dB/DECADE
FREQUENCY RESPONSE. WHEN DISABLED, THE OUTPUT IS NOT FURTHER ATTENUATED.
PGA1 = 1 IS NOT RECOMMENDED IN THE ADE7166 AND ADE7169.
Figure 45. ADC and Signal Processing in Current Channel with PGA1 = 1, 2, 4, 8, or 16 for ADE7566 and ADE7569



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com