Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 89 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 85Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 86Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 87Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 88Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 89Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 90Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 91Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 92Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 89 of 144
INTERRUPT SYSTEM
The unique power management architecture of the ADE7566/
ADE7569/ADE7166/ADE7169 includes an operating mode
(PSM2) where the 8052 MCU core is shut down. Events can be
configured to wake the 8052 MCU core from the PSM2
operating mode. A distinction is drawn here between events
that can trigger the wake-up of the 8052 MCU core and events
that can trigger an interrupt when the MCU core is active.
Events that can wake the core are referred to as wake-up events,
whereas events that can interrupt the program flow when the
MCU is active are called interrupts. See the 3.3 V Peripherals
and Wake-Up Events section to learn more about events that
can wake the 8052 core from PSM2.
The ADE7566/ADE7569/ADE7166/ADE7169 provide 12
interrupt sources with three priority levels. The power
management interrupt is at the highest priority level. The other
two priority levels are configurable through the Interrupt
Priority SFR (IP, 0xB8) and Interrupt Enable and Priority 2 SFR
(IEIP2, 0xA9).
STANDARD 8052 INTERRUPT ARCHITECTURE
The 8052 standard interrupt architecture includes two tiers of
interrupts, where some interrupts are assigned a high priority
and others are assigned a low priority.
PRIORITY 1
PRIORITY 0
HIGH
LOW
Figure 86. Standard 8052 Interrupt Priority Levels
A Priority 1 interrupt can interrupt the service routine of a
Priority 0 interrupt, and if two interrupts of different priorities
occur at the same time, the Priority 1 interrupt is serviced first.
An interrupt cannot be interrupted by another interrupt of the
same priority level. If two interrupts of the same priority level
occur simultaneously, a polling sequence is observed. See the
Interrupt Priority section.
INTERRUPT ARCHITECTURE
The ADE7566/ADE7569/ADE7166/ADE7169 possess advanced
power supply monitoring features. To ensure a fast response to
time-critical power supply issues, such as a loss of line power,
the power supply monitoring interrupt should be able to
interrupt any interrupt service routine. To enable the user to have
full use of the standard 8052 interrupt priority levels, an additional
priority level is added for the power supply management (PSM)
interrupt. The PSM interrupt is the only interrupt at this highest
interrupt priority level.
PRIORITY 1
PRIORITY 0
PSM
HIGH
LOW
Figure 87. Interrupt Architecture
See the Power Supply Monitor Interrupt (PSM) section for
more information on the PSM interrupt.
INTERRUPT REGISTERS
The control and configuration of the interrupt system is carried
out through four interrupt-related SFRs discussed in this section.
Table 67. Interrupt SFRs
SFR
Address
Default
Bit Addressable
Description
IE
0xA8
0x00
Yes
Interrupt Enable (see Table 68).
IP
0xB8
0x00
Yes
Interrupt Priority (see Table 69).
IEIP2
0xA9
0xA0
No
Interrupt Enable and Priority 2 (see Table 70).
WDCON
0xC0
0x10
Yes
Table 75 and the
Watchdog Timer (see
Writing to the Watchdog Timer SFR (WDCON,
0xC0) section).
Table 68. Interrupt Enable SFR (IE, 0xA8)
Bit
Address
Mnemonic
Description
7
0xAF
EA
Enables All Interrupt Sources. Set by the user. Cleared by the user to disable all interrupt sources.
6
0xAE
ETEMP
Enables the Temperature ADC Interrupt. Set by the user.
5
0xAD
ET2
Enables the Timer 2 Interrupt. Set by the user.
4
0xAC
ES
Enables the UART Serial Port Interrupt. Set by the user.
3
0xAB
ET1
Enables the Timer 1 Interrupt. Set by the user.
2
0xAA
EX1
Enables the External Interrupt 1 (INT1). Set by the user.
1
0xA9
ET0
Enables the Timer 0 Interrupt. Set by the user.
0
0xA8
EX0
Enables External Interrupt 0 (INT0). Set by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com