Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 40Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 41Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 42Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 43Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 44Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 45Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 46Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 47Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 44 of 144
Bit
Mnemonic
Default
Description
2 to 0
PGA1[2:0]
000
These bits define the current channel input gain.
PGA1[2:0]
Result
000
Gain = 11
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
1 This gain is not recommended in the ADE7166 and ADE7169 because it can create an overranging of the ADC when both current inputs are in opposite phase.
Table 38. CALMODE Register (0x3D)1
Bit
Mnemonic
Default
Description
7 to 6
Reserved
0
These bits should be kept cleared for proper operation.
5 to 4
SEL_I_CH[1:0]
0
These bits define the current channel used for energy measurements.
[1:0]
00
Current channel automatically selected by the tampering condition
01 Current channel connected to IPA
10 Current channel connected to IPB
11 Current channel automatically selected by the tampering condition
3
V_CH_SHORT
0
Logic one short voltage channel to ground.
2
I_CH_SHORT
0
Logic one short Current channels to ground.
1 to 0
Reserved
1 This register is not available in the ADE7566 and ADE7569.
INTERRUPT STATUS/ENABLE SFRS
Table 39. Interrupt Status 1 SFR (MIRQSTL, 0xDC)
Bit
Interrupt Flag
Description
7
ADEIRQFLAG
This bit is set if any of the ADE status flags that are enabled to generate an ADE interrupt are set. This bit is
automatically cleared when all of the enabled ADE status flags are cleared.
6
Reserved
Reserved.
5
FAULTSIGN1
Logic 1 indicates that the fault mode has changed according to the configuration of the ACCMODE register.
4
VARSIGN2
Logic 1 indicates that the reactive power sign has changed according to the configuration of the ACCMODE register.
3
APSIGN
Logic 1 indicates that the active power sign has changed according to the configuration of the ACCMODE register.
2
VANOLOAD
Logic 1 indicates that an interrupt has been caused by apparent power no-load detected. This interrupt is also
used to reflect the part entering the Irms no-load mode.
1
RNOLOAD2
Logic 1 indicates that an interrupt has been caused by reactive power no-load detected.
0
APNOLOAD
Logic 1 indicates that an interrupt has been caused by active power no-load detected.
1 This function is not available in the ADE7566 and ADE7569.
2 This function is not available in the ADE7566 and ADE7166.
Table 40. Interrupt Status 2 SFR (MIRQSTM, 0xDD)
Bit
Interrupt Flag
Description
7
CF2
Logic 1 indicates that a pulse on CF2 has been issued. The flag is set even if CF2 pulse output is not enabled by
clearing Bit 2 of the MODE1 register.
6
CF1
Logic 1 indicates that a pulse on CF1 has been issued. The flag is set even if CF1 pulse output is not enabled by
clearing Bit 1 of the MODE1 register.
5
VAEOF
Logic 1 indicates that the VAHR register has overflowed.
4
REOF1
Logic 1 indicates that the VARHR register has overflowed.
3
AEOF
Logic 1 indicates that the WATTHR register has overflowed.
2
VAEHF
Logic 1 indicates that the VAHR register is half full.
1
REHF1
Logic 1 indicates that the VARHR register is half full.
0
AEHF
Logic 1 indicates that the WATTHR register is half full.
1 This function is not available in the ADE7566 and ADE7166.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com