Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF16 Datasheet(PDF) 128 Page - Analog Devices

Part # ADE7566ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16 Datasheet(HTML) 128 Page - Analog Devices

Back Button ADE7566ASTZF16 Datasheet HTML 124Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 125Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 126Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 127Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 128Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 129Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 130Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 131Page - Analog Devices ADE7566ASTZF16 Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 128 of 144
SERIAL PERIPHERAL INTERFACE (SPI)
The ADE7566/ADE7569/ADE7166/ADE7169 integrate a
complete hardware serial peripheral interface on-chip. The SPI
is full duplex so that eight bits of data are synchronously
transmitted and simultaneously received. This SPI
implementation is double buffered, allowing users to read the
last byte of received data while a new byte is shifted in. The next
byte to be transmitted can be loaded while the current byte is
shifted out.
The SPI port can be configured for master or slave operation.
The physical interface to the SPI is via the MISO (P0.5),
MOSI (P0.4), SCLK (P0.6), and SS (P0.7) pins, while the
firmware interface is via the SPI Configuration SFR 1
(SPIMOD1, 0xE8), the SPI Configuration SFR 2 (SPIMOD2,
0xE9), the SPI Interrupt Status SFR (SPISTAT, 0xEA), the
SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A), and the SPI/I2C
Receive Buffer SFR (SPI2CRx, 0x9B).
Note that the SPI pins are shared with the I2C pins. Therefore, the
user can enable only one interface at a time. The SCPS bit in the
Configuration SFR (CFG, 0xAF) selects which peripheral is active.
SPI REGISTERS
Table 137. SPI SFR List
SFR Address
Name
R/W
Length
Default
Description
0x9A
SPI2CTx
W
8
SPI/I2C Transmit Buffer (see Table 138).
0x9B
SPI2CRx
R
8
0
SPI/I2C Receive Buffer (see Table 139).
0xE8
SPIMOD1
R/W
8
0x10
SPI Configuration SFR 1 (see Table 140).
0xE9
SPIMOD2
R/W
8
0
SPI Configuration SFR 2 (see Table 141).
0xEA
SPISTAT
R/W
8
0
SPI/I2C Interrupt Status (see Table 142).
Table 138. SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A)
Bit
Mnemonic
Default
Description
7 to 0
SPI2CTx
0
SPI or I2C Transmit Buffer. When SPI2CTx SFR is written, its content is transferred to the transmit FIFO
input. When a write is requested, the FIFO output is sent on the SPI or I2C bus.
Table 139. SPI/I2C Receive Buffer SFR (SPI2CRx, 0x9B)
Bit
Mnemonic
Default
Description
7 to 0
SPI2CRx
0
SPI or I2C Receive Buffer. When SPI2CRx SFR is read, one byte from the receive FIFO output is transferred
to SPI2CRx SFR. A new data byte from the SPI or I2C bus is written to the FIFO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com