Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Data Sheet
ADGM3121
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 33
POWER SUPPLY RAILS
The ADGM3121 can operate with unipolar supplies between 3.0V
and 3.6V. The device is fully specified at a 3.3V analog supply
voltage.
POWER SUPPLY RECOMMENDATIONS
Analog Devices has a wide range of power management products
to meet the requirements of most high performance signal chains.
Figure 70 shows an example of a unipolar solution for the
ADGM3121. The ADP7142 is a low dropout linear regulator that
operates from 2.7V to 40V and is ideal for the regulation of high
performance analog and mixed-signal circuits operating from 39V
down to 1.2V rails. The ADP7142 has 11µV rms output noise
independent of the output voltage. The ADP7142 can be used to
power the supply rail for the ADGM3121, a microcontroller, and/or
other devices in the signal chain.
Figure 70. Unipolar Power Solution
If low noise performance at the power supply is required, the
ADP7142 can be replaced by the LT1962 or LT3045-1.
Table 8. Recommended Power Management Devices
Product
Description
ADP7142
40V, 200mA, low noise, CMOS LDO linear regulator
LT1962
300mA, low noise, micropower, low dropout (LDO) regulator
LT3045-1
20V, 500mA, ultra-low noise, ultra-high power supply rejection
ratio (PSRR) linear regulator with voltage for input to output
control (VIOC)
HIGH-SPEED DIGITAL LOOPBACK
Testing high-speed input and output (HSIO) interfaces, such as
peripheral component interconnect express (PCIe) Gen 4.0 and
PCIe Gen 5.0, in a high volume manufacturing environment is a
challenge. A common approach to validate an HSIO interface is
the implementation of a high-speed loopback test method. This in-
corporates both high-speed and DC test paths in one configuration.
To perform high-speed loopback testing, generally a pseudorandom
bit sequence (PRBS) is transmitted at high speed from the transmit-
ter and received at the receiver end after being looped back on
the load board or test board. At the receiver end, the sequence is
analyzed to calculate the bit error rate (BER).
DC parametric tests are performed on the input and output pins,
such as a continuity test and a leakage test, to ensure device
functionality. To perform these tests, the input/output pins of the
DUT must be connected directly to a DC instrument where the DC
measurement of the input/output pin is executed.
The ADGM3121 offers both high speed digital and DC testing
capability with superior density in a small 3mm × 3mm × 1.5mm
LGA package, as shown in Figure 71. The MEMS switch also
enables communication from the tester to the device under test
(DUT). The ADGM3121 provides excellent performance from DC to
24GHz, which allows the switch to handle both high-speed signals
up to 64Gbps and precision DC signals.
Figure 71. ADGM3121 Enabling Both High-Speed Digital and DC Testing
PIN ELECTRONICS (PE) AND PARAMETRIC
MEASUREMENT UNIT (PMU) SIGNAL
SWITCHING
The ADGM3121 delivers exceptional performance for PE and PMU
signal switching applications. Its low on-resistance and minimal
capacitance ensure high signal integrity, maintaining low insertion
loss and supporting fast edge rates with reduced timing errors.
High off-state isolation minimizes leakage and crosstalk, enabling
accurate and reliable measurements. As shown in Figure 72, a
four-channel high-speed path drives the DUT’s four Rx ports for
precise functional and performance validation. Alternatively, these
Rx ports can be rerouted to individual four-channel PMU ports
to facilitate parametric testing, such as leakage, threshold, and
voltage level measurements. This flexibility allows both high-speed
digital and low-speed DC testing on a single hardware platform,
reducing equipment requirements and increasing throughput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com