Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Data Sheet
ADGM3121
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 15 of 33
Figure 25. Insertion Loss vs. Frequency over Temperature (Single-Ended
Performance, DC to 24GHz, RF1A to RFCA, RF2A to RFCA)
Figure 26. Insertion Loss vs. Frequency (Single-Ended Performance, DC to
30GHz, RFXA to RFCA, RFXB to RFCB)
Figure 27. Insertion Loss vs. Frequency over Temperature (Single-Ended
Performance, DC to 30GHz, RF1A to RFCA, RF2A to RFCA)
Figure 28. Return Loss vs. Frequency (Single-Ended Performance,
Measuring from RF1A, RF2A, RF1B, and RF2B)
Figure 29. Return Loss vs. Frequency over Temperature (Single-Ended
Performance, Measuring from RF1A and RF2A)
Figure 30. Return Loss vs. Frequency (Single-Ended Performance,
Measuring from RFCA and RFCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com