Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
ADGM3121
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 10 of 33
TA = 25°C, unless otherwise noted.
Table 3. Absolute Maximum Ratings
Parameter
Rating
VDD to AGND
−0.3V to +6V
Digital Inputs1
−0.3V to VDD + 0.3V or 30mA (whichever
occurs first).
Switch DC Rating2
Voltage
±7V
Current
220mA
VCP
82V
Stand Off Voltage3
±10V
RF Power Rating4
34dBm
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering (Pb-Free)
Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
10sec to 30sec
Group D
Mechanical Shock5
1500g with 0.5ms pulse
Vibration
20Hz to 2000Hz acceleration at 50g
Constant Acceleration
30,000g
1 Limit the current to the maximum ratings shown.
2 This rating is with respect to the switch in the on position with no RF signal
applied.
3 This rating is with respect to the switch in the off position with no RF signal
applied.
4 This rating is with respect to the switch in the on position and terminated into
50Ω.
5 If a device is dropped during handling, do not use the device.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Only one absolute maximum rating may be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
θJCT is the junction to the top of the case thermal resistance.
θJCB is the junction to the bottom of the case thermal resistance.
Table 4. Thermal Resistance
Package Type θJA
θJCT
θJCB
Unit
CC-24-23
68.1
161.7
93.7
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for the handling of
ESD-sensitive devices in an ESD-protected area only.
Human body model (HBM) as per ANSI/ESDA/JEDEC JS-001.
Field-induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for the ADGM3121
Table 5. ADGM3121, 24-Lead LGA
ESD Model
Withstand Threshold
Class
HBM1
150V for RFxx and RFCx2 pins
0B
2kV for all other pins
FICDM3
1kV
C3
1 Take proper precautions during handling, as outlined in the Handling Precau-
tions section.
2 RFxx is RF1A, RF1B, RF2A, and RF2B. RFCx is RFCA and RFCB.
3 A safe automated handling and assembly process is achieved at this rating
level by implementing industry standard ESD controls.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com