Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
ADGM3121
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 33
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
Return Loss
RL
Measured at RFCA/RFCB
33
dB
DC to 2.5GHz
32
dB
2.5GHz to 6GHz
24
dB
6GHz to 10GHz
19
dB
10GHz to 16GHz
10
dB
16GHz to 24GHz
Third-Order Intermodulation Intercept
IIP3
70
dBm
Input: 2110MHz and 2170MHz, 3510MHz and
3570MHz; input power = 30dBm
Second Harmonic
HD2
−107
dBc
Input: 5.4MHz; input power = 0dBm
−88
dBc
Input: 150MHz, 800MHz; input power = 33dBm
Third Harmonic
HD3
−88
dBc
Input: 150MHz, 800MHz; input power = 33dBm
Total Harmonic Distortion
THD
−103
dBc
RL = 300Ω, f = 1kHz, RFxx = 2.5V p-p
Total Harmonic Distortion Plus Noise
THD + N
−99
dBc
RL = 300Ω, f = 1kHz, RFxx = 2.5V p-p
Maximum RF Power
33
dBm
RF power = CW, terminated into 50Ω
termination; −40°C to +85°C
DC Signal Range
−6
+6
V
On switch DC input bias voltage signal range;
−40°C to +85°C
Stand Off Voltage
−6
+6
V
−40°C to +85°C, this specification is applied
when the switch is in the off position with no RF
signal applied
Maximum DC Current
200
mA
−40°C to +85°C
On Switching Time4
tON
200
µs
50% INx to 90% (0.05dB of final IL value) RFxx,
50Ω termination, −40°C to 85°C (see Figure 5
for details)
Off Switching Time4, 5
tOFF
200
µs
50% INx to 10% (0.05dB of final IL value) RFxx,
50Ω termination, −40°C to 85°C (see Figure 5
for details)
Power-Up Time
4
5
ms
VCP cap = 100 pF, −40°C to +85°C
Video Feedthrough
10
mV peak
1MΩ termination at RFxx and 50Ω termination at
RFC
Actuation Frequency
2
kHz
Both switches toggled simultaneously
Internal Oscillator Frequency
8.6
10
11
MHz
Internal Oscillator Feedthrough
−92.5
dBm
See note6 for measurement setup details
−115.5
dBm/Hz
This value comes from calculations
Signal Timing Parameters
Simulated using measured s-parameter models
with an input signal with TRISE = 10ps
Phase Delta Between Channels
1.2
degree
RF1A and RF1B
0.7
degree
RF2A and RF2B
Propagation Delay
46.17
ps
RF1A and RF1B
44.95
ps
RF2A and RF2B
Channel-to-Channel Skew
0.15
ps
RF1A to RF1B, RF2A to RF2B
1.22
ps
RF1A/RF1B to RF2A/2B
CAPACITANCE PROPERTIES
At 1MHz, includes LGA package capacitance
Input to Output Capacitance
CDS(OFF)
35
fF
Capacitance from input to output derived from
off isolation measurements, see the Deriving
CDS(OFF) from Off Isolation section
On Switch Channel Capacitance
CON
2.64
pF
Capacitance measured on RFxx with respect to
ground when RFxx to RFCx is on
Off Switch Channel Capacitance
COFF
1.51
pF
Capacitance measured on RFxx with respect to
ground when all switches are off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com