Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
ADGM3121
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 33
Figure 72. Four-Channel High-Speed Path
GENERAL RF, DC, AND MIXED SIGNAL
SWITCHING
The ADGM3121 provides versatile functionality for general RF
routing, mixed-signal switching, voltage divider network switching,
and filter network switching applications. Its adaptability makes it
essential in key markets such as 5G networks, base stations, and
advanced network equipment. Figure 73 and Figure 74 illustrate
typical implementations in filter switching and voltage divider net-
works, demonstrating how the device enables flexible, compact,
and high-performance signal management across diverse applica-
tions.
Figure 73. Filter Switching
Figure 74. Voltage Divider Networks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com