Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Data Sheet
ADGM3121
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 14 of 33
Figure 19. Absolute RON vs. Time (1ms to 10sec) over Supplies, Multiple
Devices
Figure 20. RON Drift vs. Time (1ms to 10sec) over Supplies, Multiple Devices,
Normalized at Zero
Figure 21. Absolute RON vs. Signal Bias Voltage over Supply Voltages
Figure 22. Absolute RON vs. Signal Bias Voltage over Temperature
Figure 23. Absolute RON vs. Signal Bias Voltage over Different Current Levels
Figure 24. Insertion Loss vs. Frequency (Single-Ended Performance, DC to
24GHz, RFXA to RFCA, RFXB to RFCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com