Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADGM3121BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
ADGM3121
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 33
VDD = 3.0V to 3.6V, GND = 0V, and all specifications at 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
ON-RESISTANCE PROPERTIES
Initial On-Resistance Properties
On-Resistance
RON
1.9
3
Ω
Drain source current (IDS) = 50mA, 0V input
bias, at 1ms after first actuation, maximum
specification from −40°C to 85°C
On-Resistance Match Between
Channels
ΔRON
CH_CH
0.8
Ω
Maximum value tested from −40°C to 85°C
On-Resistance Drift
Over Time
ΔRON TIME
−0.32
Ω
RON changed from 1ms to 100ms after first
actuation, maximum value tested from −40°C to
85°C
Over Actuations
ΔRON
0.2
0.32
Ω
Absolute change after 106 actuations, switch is
actuated at 25°C and RON is measured at 25°C
±0.7
Ω
Absolute change after 100 × 106 actuations,
switch is actuated at 25°C and RON is measured
at 25°C
2
Ω
Absolute change after 100 × 106 actuations,
switch is actuated at 85°C and RON is measured
at 25°C, actuation frequency = 289Hz
RELIABILITY PROPERTIES
Continuously On Lifetime
10
Years
Time before failure3 at 85°C
Actuation Lifetime
Cold Switched
100 × 106
500 × 106
Actuations
Load between toggling is 150mA, tested at
85°C.
RF Hot Switched
RF power = continuous wave (CW), terminated
into 50Ω, 50% of test population failure point
(T50)
7dBm
500 × 106
Actuations
10dBm
150 × 106
Actuations
13dBm
30 × 106
Actuations
20dBm
20 × 103
Actuations
DC Hot Switched
Terminated into 50Ω, RFxx load capacitance =
10μF, 50% of test population failure point (T50)
0.5V or 9mA
500 × 106
Actuations
1V or 18mA
500 × 106
Actuations
2.5V or 46mA
35 × 106
Actuations
3.5V or 65mA
6.5 × 103
Actuations
5V or 93mA
2 × 103
DYNAMIC CHARACTERISTICS
Single-Ended Performance (RF1A/RF1B)
Operational Frequency Range
24
GHz
RF1A/RF1B, −3dB bandwidth
Insertion Loss
IL
RF1A to RFCA, RF1B to RFCB
0.27
dB
DC to 2.5GHz
0.5
dB
2.5GHz to 6GHz
0.77
dB
6GHz to 10GHz
1.42
dB
10GHz to 16GHz
2.8
dB
16GHz to 24GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com