Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 30 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Data Sheet
ADGM3121
CRITICAL OPERATIONAL REQUIREMENTS
analog.com
Rev. 0 | 30 of 33
►
Avoid connecting capacitive terminations directly to the switch,
as shown in Figure 83. A shunt capacitor can store a charge
that can potentially lead to hot switching events when the switch
opens or closes, affecting the lifetime of the switch.
Figure 83. Avoid Large Capacitor Directly Connected to the Switch
Mechanical Shock Precautions
The ADGM3121 passes Group D mechanical shocks tests, as
detailed in Absolute Maximum Ratings. These tests validate the
robustness of the device to normal mechanical shocks.
The device should not be used if dropped. To reduce excessive me-
chanical shock and ESD events, avoid handling of loose devices,
as outlined in Figure 84.
Figure 84. Situations to Avoid During Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com