Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 32 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Data Sheet
ADGM3121
REGISTER DETAILS
analog.com
Rev. 0 | 32 of 33
SWITCH DATA REGISTER
Address: 0x20, Reset: 0x00, Name: SWITCH_DATA
The switch data register controls the status of the four switches of the ADGM3121.
Table 11. Bit Descriptions for SWITCH_DATA
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
INTERNAL_ERROR
These bits determine if an internal error has occurred.
0x0
R
00 No error detected.
01 Error detected.
10 Error detected.
11 Error detected.
[5:4]
RESERVED
These bits are reserved; set these bits to 0.
0x0
R
3
SW1_EN
Enable bit for Switch 1.
0x0
R/W
0 Switch RF1A open.
1 Switch RF1A closed.
2
SW2_EN
Enable bit for Switch 2.
0x0
R/W
0 Switch RF2A open.
1 Switch RF2A closed.
1
SW3_EN
Enable bit for Switch 3.
0x0
R/W
0 Switch RF2B open.
1 Switch RF2B closed.
0
SW4_EN
Enable bit for Switch 4.
0x0
R/W
0 Switch RF1B open.
1 Switch RF1B closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com