Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADGM3121BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Data Sheet
ADGM3121
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 33
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Companion Products............................................. 1
Specifications........................................................ 3
Timing Characteristics........................................8
Absolute Maximum Ratings.................................10
Thermal Resistance......................................... 10
Electrostatic Discharge (ESD) Ratings.............10
ESD Caution.....................................................10
Pin Configuration and Function Descriptions.......11
Typical Performance Characteristics................... 12
Test Circuits......................................................... 22
Deriving CDS(OFF) from Off Isolation................. 22
Theory of Operation.............................................23
Switch Design...................................................23
Parallel Digital Interface................................... 23
SPI Digital Interface..........................................24
Internal Oscillator Feedthrough........................ 25
Typical Operating Circuit.................................. 25
Applications Information...................................... 26
Power Supply Rails.......................................... 26
Power Supply Recommendations.................... 26
High-Speed Digital Loopback...........................26
Pin Electronics (PE) and Parametric
Measurement Unit (PMU) Signal Switching... 26
General RF, DC, and Mixed Signal Switching.. 27
Critical Operational Requirements.......................28
System Error Considerations Due to
On‑Resistance Drift........................................28
On-Resistance Shift Due To Temperature
Shock Post Actuations................................... 28
Hot Switching................................................... 28
Handling Precautions....................................... 29
Register Summary...............................................31
Register Details................................................... 32
Switch Data Register........................................32
Outline Dimensions............................................. 33
Ordering Guide.................................................33
Evaluation Board..............................................33
REVISION HISTORY
12/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com