Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
ADGM3121
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 33
Figure 6. ADGM3121 Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Input. For the recommended input voltage see Table 1. Place a 0.1μF decoupling capacitor to GND
as close to this pin as possible. The decoupling capacitor should be rated to at least 16V DC.
2, 4, 6, 7, 8, 10, 12, 13,
14, 16, 18
GND
Ground Return.
3
RF1B
RF1B Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
5
RF2B
RF2B Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
9
RFCB
Common RFCB Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it
with a 50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
11
RFCA
Common RFCA Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it
with a 50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
15
RF2A
RF2A Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
17
RF1A
RF1A Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
19
PIN/SPI
Parallel Mode Enable/SPI Mode Enable. The SPI interface is enabled when this pin is high, and the parallel interface (IN1,
IN2, IN3, IN4) is enabled when this pin is low.
20
IN1/SDO
Parallel Logic Digital Control Input 1. The voltage applied to this pin controls the gate of the RF1A to RFCA MEMS switch.
In SPI mode, this pin is the serial data output (SDO) pin.
21
IN2/SCLK
Parallel Logic Digital Control Input 2. The voltage applied to this pin controls the gate of the RF2A to RFCA MEMS switch.
In SPI mode, this pin is the serial clock (SCLK) pin that synchronizes the target device(s) to the controller device.
22
IN3/CS
Parallel Logic Digital Control Input 3. The voltage applied to this pin controls the gate of the RF2B to RFCB MEMS switch.
In SPI mode, this pin is the chip select (CS) pin. CS is an active low signal that selects the target device with which the
controller device intends to communicate.
23
IN4/SDI
Parallel Logic Digital Control Input 4. The voltage applied to this pin controls the gate of the RF1B to RFCB MEMS switch.
In SPI mode, this pin is the serial data input (SDI) pin.
24
VCP
Driver IC Input/Output. In normal operating mode this pin outputs 80V DC. Place a 0.1nF decoupling capacitor to GND as
close to this pin as possible. The decoupling capacitor should be rated to at least 100V DC.
EP
Exposed Pad. EP is internally connected to GND. Connect this pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com