Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADGM3121BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
ADGM3121
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 33
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
Differential Performance (RF1A/RF1B)
Insertion Loss
IL
RF1A/RF1B to RFCA/RFCB
0.24
dB
DC to 2.5GHz
0.4
dB
2.5GHz to 6GHz
0.62
dB
6GHz to 10GHz
1.29
dB
10GHz to 16GHz
2.97
dB
16GHz to 24GHz
Isolation
ISO
RF1A/RF1B to RFCA/RFCB, with RF2A/RF2B
to RFCA/RFCB on
29
dB
DC to 2.5GHz
24
dB
2.5GHz to 6GHz
22
dB
6GHz to 10GHz
18
dB
10GHz to 16GHz
11
dB
16GHz to 24GHz
Return Loss
RL
Measured at RF1A/RF1B
36
dB
DC to 2.5GHz
26
dB
2.5GHz to 6GHz
18
dB
6GHz to 10GHz
14
dB
10GHz to 16GHz
14
dB
16GHz to 24GHz
Return Loss
RL
Measured at RFCA/RFCB
35
dB
DC to 2.5GHz
27
dB
2.5GHz to 6GHz
19
dB
6GHz to 10GHz
15
dB
10GHz to 16GHz
16
dB
16GHz to 24GHz
Differential Performance (RF2A/RF2B)
Insertion Loss
IL
RF2A/RF2B to RFCA/RFCB
0.2
dB
DC to 2.5GHz
0.35
dB
2.5GHz to 6GHz
0.51
dB
6GHz to 10GHz
1.09
dB
10GHz to 16GHz
4.8
dB
16GHz to 24GHz
Isolation
ISO
RF2A/RF2B to RFCA/RFCB, with RF1A/RF1B
to RFCA/RFCB on
31
dB
DC to 2.5GHz
26
dB
2.5GHz to 6GHz
24
dB
6GHz to 10GHz
21
dB
10GHz to 16GHz
14
dB
16GHz to 24GHz
Return Loss
RL
Measured at RF2A/RF2B
34
dB
DC to 2.5GHz
30
dB
2.5GHz to 6GHz
22
dB
6GHz to 10GHz
18
dB
10GHz to 16GHz
16
dB
16GHz to 24GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com