Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADGM3121BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Data Sheet
ADGM3121
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 33
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
Isolation
ISO
RF1A to RFCA, RF1B to RFCB, with at least
one switch on
29
dB
DC to 2.5GHz
24
dB
2.5GHz to 6GHz
20
dB
6GHz to 10GHz
16
dB
10GHz to 16GHz
11
dB
16GHz to 24GHz
Crosstalk
CTK
RF1A to RF1B, RFCA to RFCB
29
dB
DC to 2.5GHz
23
dB
2.5GHz to 6GHz
20
dB
6GHz to 10GHz
17
dB
10GHz to 16GHz
12
dB
16GHz to 24GHz
Return Loss
RL
Measured at RF1A and RF1B
34
dB
DC to 2.5GHz
24
dB
2.5GHz to 6GHz
17
dB
6GHz to 10GHz
13
dB
10GHz to 16GHz
13
dB
16GHz to 24GHz
Single-Ended Performance (RF2A/RF2B)
Operational Frequency Range
22
GHz
RF2A/RF2B, −3dB bandwidth
Insertion Loss
IL
RF2A to RFCA, RF2B to RFCB
0.2
dB
DC to 2.5GHz
0.4
dB
2.5GHz to 6GHz
0.56
dB
6GHz to 10GHz
1.32
dB
10GHz to 16GHz
4.12
dB
16GHz to 24GHz
Isolation
ISO
RF2A to RFCA, RF2B to RFCB, with at least
one switch on
31
dB
DC to 2.5GHz
26
dB
2.5GHz to 6GHz
23
dB
6GHz to 10GHz
19
dB
10GHz to 16GHz
13
dB
16GHz to 24GHz
Crosstalk
CTK
RF2A to RF2B, RFCA to RFCB
31
dB
DC to 2.5GHz
25
dB
2.5GHz to 6GHz
20
dB
6GHz to 10GHz
15
dB
10GHz to 16GHz
9
dB
16GHz to 24GHz
Return Loss
RL
Measured at RF2A and RF2B
33
dB
DC to 2.5GHz
29
dB
2.5GHz to 6GHz
21
dB
6GHz to 10GHz
17
dB
10GHz to 16GHz
17
dB
16GHz to 24GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com