Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3121BCCZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADGM3121BCCZ-R2
Description  3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3121BCCZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADGM3121BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADGM3121BCCZ-R2 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
ADGM3121
CRITICAL OPERATIONAL REQUIREMENTS
analog.com
Rev. 0 | 29 of 33
Figure 79. RF Hot Switching Setup
Figure 80. RF Hot Switching Probability Distribution on Log Normal (RF
Power = Continuous Wave, Terminated into 50Ω, TA = 25°C, VDD = 3.3V)
Figure 81. DC Hot Switching Setup
Figure 82. DC Hot Switching Probability Distribution on Log Normal (Termi-
nated into 50Ω, TA = 25°C, VDD = 3.3V)
HANDLING PRECAUTIONS
ESD Precautions
All RFxx and RFCx pins of the ADGM3121 pass the following ESD
limits:
►
150V, Class 0B HBM, ANSI/ESDA/JEDEC JS-001-2014
►
1kV Class C3 FICDM ANSI/ESDA/JEDEC JS-002
All RFxx and RFCx1 pins are rated to 1kV FICDM, making the de-
vice safe for automated handling and assembly process. Standard
ESD precautions should be taken during manufacturing.
150V HBM rating of ADGM3121 is susceptible to ESD surge due
to human body contact. ESD protection should be added if human
body contact is expected.
Electrical Overstress (EOS) Precautions
ADGM3121 is susceptible to EOS. Therefore, observe the following
precautions:
►
The ADGM3121 is a ESD-sensitive device. Observe all normal
handling precautions, including working only on static dissipative
surfaces, wearing wrist straps or other ESD control devices, and
storing unused devices in conductive foam.
►
Avoid running measurement instruments, such as digital multi-
meters (DMMs), in autorange modes. Some instruments can
generate large transient compliance voltages when switching
between ranges.
►
Use the highest practical DMM range setting (the lowest res-
olution) for resistance measurements to minimize compliance
voltages, particularly during switching.
►
Coaxial cables can store charge and lead to EOS when directly
connected to the switch. Discharge cables before connecting
directly to the switch.
1 RFxx is RF1A, RF1B, RF2A, and RF2B. RFCx is RFCA and RFCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com