Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 2 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 2 Page - Microchip Technology

  WILCS02PE Datasheet HTML 1Page - Microchip Technology WILCS02PE Datasheet HTML 2Page - Microchip Technology WILCS02PE Datasheet HTML 3Page - Microchip Technology WILCS02PE Datasheet HTML 4Page - Microchip Technology WILCS02PE Datasheet HTML 5Page - Microchip Technology WILCS02PE Datasheet HTML 6Page - Microchip Technology WILCS02PE Datasheet HTML 7Page - Microchip Technology WILCS02PE Datasheet HTML 8Page - Microchip Technology WILCS02PE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
WILCS02IC and WILCS02 Family
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 2
• AES GCM (Galois/Counter mode)
• HMAC and AES CMAC
– On-chip oscillator for Non Deterministic Random Number Generator (NDRNG)
• Multi-Purpose Public Key Crypto Engine Supporting the Following Algorithms:
– Elliptic-Curve Cryptography (ECC)/ECDH/ECDSA with standard NIST prime curves up to 521-bit,
Curve25519 and Ed25519
– RSA up to 2048-bit keys
Operating Conditions
• WILCS02IC
– Operating Voltage VDD, VDDIO: 3.0-3.6V (3.3V Typical)
– Operating Temperature: -40°C to 105°C
• AEC-Q100 Grade 2 qualified
• WILCS02 Module
– Operating Voltage VDD, VDDIO: 3.0-3.6V (3.3V Typical)
– Operating Temperature: -40°C to 85°C
Module Variants
• PCB Antenna:
– WILCS02PE
• U.FL Connector for External Antenna:
– WILCS02UE
Package
• WILCS02IC
48-pin Very Thin Quad Flat No-lead (VQFN)
Size: 7 mm x 7 mm x 0.9 mm
• WILCS02 Module
28-pin Surface Mount Device (SMD) Package with RF Shield on Top
Size: 21.7 mm x 14.7 mm x 2.1 mm
Applications
• Smart Factories/Control Devices
• Security Systems, CCTV
• Smart Homes/Lighting, Smart Locks
• Computing, Wi-Fi Dongles, Protocol Bridging
• Remote Control
• Wearable Smart Devices
• Industrial Control
Certifications
• WILCS02 Module Certified to FCC, ISED, CE, UKCA, MIC, KCC and NCC Radio Regulations and Wi-Fi Alliance
• RoHS and REACH Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com