Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 16 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 16 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 12Page - Microchip Technology WILCS02PE Datasheet HTML 13Page - Microchip Technology WILCS02PE Datasheet HTML 14Page - Microchip Technology WILCS02PE Datasheet HTML 15Page - Microchip Technology WILCS02PE Datasheet HTML 16Page - Microchip Technology WILCS02PE Datasheet HTML 17Page - Microchip Technology WILCS02PE Datasheet HTML 18Page - Microchip Technology WILCS02PE Datasheet HTML 19Page - Microchip Technology WILCS02PE Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 16
Pulling the MCLR pin low generates a device Reset. The basic connection and interface diagram of
the module illustrates a typical MCLR circuit. See the Module Basic Connection and Interface Diagram
in the Basic Connection Requirement from Related Links.
Figure 2-6. Example of MCLR Pin Connections
R1
10k
VDD
MCLR
0R
0.1 µF(1)
R
C
WILCS02
Note: 
1. The capacitor can be sized to prevent unintentional Resets from brief glitches or to extend the
device Reset period during Power-on Reset (POR).
Related Links
Basic Connection Requirement
2.3.3
Device Firmware Update
The WILCS02 Module is available for purchase with pre-programmed firmware. Microchip
periodically releases the firmware to fix reported issues or to implement the latest feature support.
There are two ways to perform a regular firmware update:
1. Serial DFU command-based update over UART
2. Firmware Sideloader
Note: For the serial DFU and Firmware Sideloader programming guidance, refer to the WILCS02
Module Application Developer’s Guide.
Figure 2-7. Basic Connection Diagram of DFU
0R
R12
GND
0R
R11
WILCS02
26
4
10
DFU_TX/STRAP2
DFU_RX/STRAP1
M C L R
2.3.4
Interface with Host Microcontroller
The WILCS02 Module can be interfaced with the host microcontroller through the SDIO/SPI signals
along with additional signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com