Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 34 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 34 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 30Page - Microchip Technology WILCS02PE Datasheet HTML 31Page - Microchip Technology WILCS02PE Datasheet HTML 32Page - Microchip Technology WILCS02PE Datasheet HTML 33Page - Microchip Technology WILCS02PE Datasheet HTML 34Page - Microchip Technology WILCS02PE Datasheet HTML 35Page - Microchip Technology WILCS02PE Datasheet HTML 36Page - Microchip Technology WILCS02PE Datasheet HTML 37Page - Microchip Technology WILCS02PE Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 34
Table 3-12. WILCS02IC Receiver Performance Characteristics(1) (continued)
RF Characteristics
Standard Operating Conditions:
VDD=VDDIO= 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Characteristics
Description(5)
Min.
Typ
Max.
Units
WF_RX_3
Sensitivity 802.11g
6 Mbps OFDM
-92
dBm
9 Mbps OFDM
-91
12 Mbps OFDM
-89
18 Mbps OFDM
-87
24 Mbps OFDM
-84
36 Mbps OFDM
-81
48 Mbps OFDM
-76
54 Mbps OFDM(6)
-75
WF_RX_4
Sensitivity 802.11n (Bandwidth at
20 MHz) (Both long GI and short
GI)
MCS 0
-90
dBm
MCS 1
-87
MCS 2
-85
MCS 3
-82
MCS 4
-79
MCS 5
-74
MCS 6
-73
MCS 7(6)
-71
WF_RX_5
Maximum receive signal level
1, 2 Mbps DSSS
-3
dBm
5.5, 11 Mbps CCK
-3
6 Mbps OFDM
-3
54 Mbps OFDM
-7.2
MCS 0
-3
MCS 7
-7
WF_RX_6
Adjacent channel rejection
1 Mbps DSSS (30 MHz offset)
43.5
dB
11 Mbps CCK (25 MHz offset)
39.5
6 Mbps OFDM (25 MHz offset)
39.5
54 Mbps OFDM (25 MHz offset)
21.5
MCS 0 – 20 MHz Bandwidth (25
MHz offset)
38.5
MCS 7 – 20 MHz Bandwidth (25
MHz offset)
19.5
WF_RX_7
RSSI accuracy
-5
5
dB
Notes: 
1. Measured after RF matching network (assume 50Ω impedance)
2. RF performance is ensured at 3.3V, 25°C, with a 2-3 dB change at boundary conditions.
3. The availability of some specific channels and/or operational frequency bands are country-dependent and must be
programmed in the host product at the factory to match the intended destination. Regulatory bodies prohibit exposing
the settings to the end user. This requirement needs to be taken care of via host implementation.
4. The host product manufacturer must ensure that the RF behavior adheres to the certification (for example, FCC, ISED)
requirements when the module is installed in the final host product.
5. This parameter is characterized but not tested in manufacturing.
6. This parameter is characterized and tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com