Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 67 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 67 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 63Page - Microchip Technology WILCS02PE Datasheet HTML 64Page - Microchip Technology WILCS02PE Datasheet HTML 65Page - Microchip Technology WILCS02PE Datasheet HTML 66Page - Microchip Technology WILCS02PE Datasheet HTML 67Page - Microchip Technology WILCS02PE Datasheet HTML 68Page - Microchip Technology WILCS02PE Datasheet HTML 69Page - Microchip Technology WILCS02PE Datasheet HTML 70Page - Microchip Technology WILCS02PE Datasheet HTML 71Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix B: Acronyms and Abbreviations
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 67
6.
Appendix B: Acronyms and Abbreviations
Table 6-1. Acronyms and Abbreviations
Acronyms and Abbreviations
Description
ADC
Analog-to-Digital Converter
AES
Advanced Encryption Standard
CBC
Cypher Block Chaining
CDM
Charged Device Model
CFB
Cypher Feedback Mode
CLK
Clock
CMD
Command
CPU
Central Processing Unit
CTR
Counter Mode
DAC
Digital-to-Analog Converter
DC
Direct Current
DFU
Device Firmware Update
DMA
Direct Memory Access
ECB
Electronic Code Book
ECC
Elliptic-Curve Cryptography
ECDH
Elliptic-curve Diffie–Hellman
ECDSA
Elliptic Curve Digital Signature
EMC
Electro-Magnetic Compatibility
EMI
Electro-Magnetic Interference
ESD
Electrostatic Discharge
EVM
Error Vector Magnitude
FCC
Federal Communications Commission
GND
Ground
GPIO
General Purpose I/O
HBM
Human Body Model
HPA
High Power Amplifier
I/O
Input Output
IP
Internet Protocol
IRQ
Interrupt Request (active-low)
ISED
Innovation, Science and Economic Development
ISM
International Safety Management Certification
LNA
Low Noise Amplifier
MCLR
Master Clear Input Active Low
MSB
Most Significant Bit
NC
No Connection
NDRNG
Non Deterministic Random Number Generator
NIST
National Institute of Standards and Technology
OEM
Original Equipment Manufacturer
OFB
Output Feedback Mode
OFDM
Orthogonal Frequency Division Multiplexing
PA
Power Amplifier
PCB
Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com