Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 12 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 12 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 8Page - Microchip Technology WILCS02PE Datasheet HTML 9Page - Microchip Technology WILCS02PE Datasheet HTML 10Page - Microchip Technology WILCS02PE Datasheet HTML 11Page - Microchip Technology WILCS02PE Datasheet HTML 12Page - Microchip Technology WILCS02PE Datasheet HTML 13Page - Microchip Technology WILCS02PE Datasheet HTML 14Page - Microchip Technology WILCS02PE Datasheet HTML 15Page - Microchip Technology WILCS02PE Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 12
2.2
Pin Details of WILCS02 Module
This section provides details on pin diagrams and the pinout table of the WILCS02 Module.
Figure 2-3. WILCS02 Module Pin Diagram
29
DFU_RX/Strap1
Reserved
GND
INTOUT
SD_DATA0/SDO1
SD_CMD/SCK1
SD_CLK/UART1_RX
1
2
5
6
7
8
NC
Reserved
Reserved
PTA_WLAN_ACTIVE
PTA_BT_PRIO
Reserved
NC
GND
3
4
9
MCLR
19
18
17
16
15
14
13
12
11
10
20
21
22 23
24 25 26
27
28
WILCS02
SD_DATA1/CS1
SD_DATA2/SDI1
SD_DATA3/UART1_TX
Table 2-2.
WILCS02 Module Pinout Table
Pin Number
Pin Name
Pin Type
Pin Description
1
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com