Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 17 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 17 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 13Page - Microchip Technology WILCS02PE Datasheet HTML 14Page - Microchip Technology WILCS02PE Datasheet HTML 15Page - Microchip Technology WILCS02PE Datasheet HTML 16Page - Microchip Technology WILCS02PE Datasheet HTML 17Page - Microchip Technology WILCS02PE Datasheet HTML 18Page - Microchip Technology WILCS02PE Datasheet HTML 19Page - Microchip Technology WILCS02PE Datasheet HTML 20Page - Microchip Technology WILCS02PE Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 17
Figure 2-8. WILCS02 Module SDIO Host Interface Diagram
HOST MCU
SD_CMD
INTOUT
SD_CLK
SD_DATA0
SD_DATA1
MCLR
WILCS02
SD_DATA2
SD_DATA3
GPIO
INTIN
User Button
(Optional)
Pin11 Reserved I/O
Tristate I/O
Figure 2-9. WILCS02 Module SDIO-SPI Host Interface Diagram
WILCS02
HOST MCU
MCLR
SDI1
SDO
SDI
SDO1
CS
CS1
SCK
SCK1
User Button
(Optional)
INTOUT
Pin11 Reserved I/O
Tristate I/O
GPIO
INTIN
2.4
WILCS02 Module Placement Guidelines
• For any Wi-Fi® product, the antenna placement affects the performance of the whole system. The
antenna requires free space to radiate RF signals, and it must not be surrounded by the ground
plane. Thus, for the best PCB antenna performance, it is recommended that the WILCS02PE
Module is placed at the edge of the host board.
• The WILCS02PE Module ground outline edge must be aligned with the edge of the host board
ground plane as illustrated in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com