Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 6 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 6 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 2Page - Microchip Technology WILCS02PE Datasheet HTML 3Page - Microchip Technology WILCS02PE Datasheet HTML 4Page - Microchip Technology WILCS02PE Datasheet HTML 5Page - Microchip Technology WILCS02PE Datasheet HTML 6Page - Microchip Technology WILCS02PE Datasheet HTML 7Page - Microchip Technology WILCS02PE Datasheet HTML 8Page - Microchip Technology WILCS02PE Datasheet HTML 9Page - Microchip Technology WILCS02PE Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
WILCS02IC and WILCS02 Family
Ordering Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 6
1.2
WILCS02 Module Ordering Information
This chapter provides the ordering information of the WILCS02 Module.
Table 1-2. WILCS02 Module Ordering Details
Module Name
Description
Ordering Code
WILCS02PE
Wi-Fi® Link Controller module with PCB Antenna
WILCS02PE-I/XXX
WILCS02UE
Wi-Fi Link Controller module with U.FL connector for external Antenna
WILCS02UE-I/XXX
The following figure illustrates the details of the WILCS02 Module ordering information.
Figure 1-2. WILCS02 Module Ordering Information
WI
LC
S
02
Flash Memory Size
Link Controller
Wi-Fi®
Antenna
P/U
Stacked Flash
Temperature Range
I = Industrial (-40°C to 85°C)
Firmware Version
Packing
02 = 2 MB Flash
T = Tape & Reel
P = PCB Antenna
U = U.FL Connector
/XXX
-I
T
E
Encryption
E – No Encryption
(1)
Note: 
1. By default, the WILCS02 Module comes with Tray packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com