Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 26 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 26 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 22Page - Microchip Technology WILCS02PE Datasheet HTML 23Page - Microchip Technology WILCS02PE Datasheet HTML 24Page - Microchip Technology WILCS02PE Datasheet HTML 25Page - Microchip Technology WILCS02PE Datasheet HTML 26Page - Microchip Technology WILCS02PE Datasheet HTML 27Page - Microchip Technology WILCS02PE Datasheet HTML 28Page - Microchip Technology WILCS02PE Datasheet HTML 29Page - Microchip Technology WILCS02PE Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 26
2.7.2
External Antenna Placement Recommendations
The user must ensure the following for the placement of the antenna and its cable:
• Do not route the antenna cable over circuits generating electrical noise on the host board or
alongside or underneath the module. The recommendation is to route the cable straight out of
the module.
• Do not place the antenna in direct contact or in close proximity of the plastic casing/objects.
• Do not enclose the antenna within a metal shield.
• The user must keep any components capable of radiating noise, signals or harmonics in the
2.4-2.5 GHz frequency range away from the antenna and, if feasible, provide shielding for such
components. Any noise radiated from the host board in this frequency band degrades the
sensitivity of the module.
• Place the antenna at a distance greater than 5 cm away from the module. The following
figure illustrates the antenna keepout area (do not place the antenna in this area). This
recommendation is based on an open-air measurement and does not take into account any
metal shielding of the customer end product. When a metal enclosure is used, the antenna can
be located closer to the WILCS02 Module.
The following figure illustrates how the antenna cable must be routed depending on the location
of the antenna with respect to the WILCS02 PCB. There are two possible options for the optimum
routing of the cable.
Figure 2-21. WILCS02 Module Antenna Placement Guidelines
5 cm from Board Edge
5 cm from Board Edge
Preferred Antenna
Cable Routing Direction
Note: These are generic guidelines and the recommendation is that customers can check and
fine-tune the antenna positioning in the final host product based on RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com