Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 64 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 64 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 60Page - Microchip Technology WILCS02PE Datasheet HTML 61Page - Microchip Technology WILCS02PE Datasheet HTML 62Page - Microchip Technology WILCS02PE Datasheet HTML 63Page - Microchip Technology WILCS02PE Datasheet HTML 64Page - Microchip Technology WILCS02PE Datasheet HTML 65Page - Microchip Technology WILCS02PE Datasheet HTML 66Page - Microchip Technology WILCS02PE Datasheet HTML 67Page - Microchip Technology WILCS02PE Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 64
http://www.cept.org
• European Telecommunications Standards Institute (ETSI):
http://www.etsi.org
• The Radio Equipment Directive Compliance Association (REDCA):
http://www.redca.eu/
5.4
Japan
The WILCS02PE/WILCS02UE modules have received type certification and is required to be labeled
with its own technical conformity mark and certification number as required to conform to the
technical standards regulated by the Ministry of Internal Affairs and Communications (MIC) of Japan
pursuant to the Radio Act of Japan.
Integration of this module into a final product does not require additional radio certification
provided installation instructions are followed and no modifications of the module are allowed.
Additional testing may be required:
• If the host product is subject to electrical appliance safety (for example, powered from an AC
mains), the host product may require Product Safety Electrical Appliance and Material (PSE)
testing. The integrator should contact their conformance laboratory to determine if this testing is
required
• There is an voluntary Electromagnetic Compatibility (EMC) test for the host product administered
by VCCI: www.vcci.jp/vcci_e/index.html
5.4.1
Labeling and User Information Requirements
The label on the final product which contains the WILCS02PE/WILCS02UE module(s) must
follow Japan marking requirements. The integrator of the module should refer to the labeling
requirements for Japan available at the Ministry of Internal Affairs and Communications (MIC)
website.
For the WILCS02PE/WILCS02UE modules, due to a limited module size, the technical conformity logo and ID is displayed in
the data sheet and/or packaging and cannot be displayed on the module label. The final product in which this module is
being used must have a label referring to the type certified module inside:
WILCS02PE/WILCS02UE module
020-240380
5.4.2
Helpful Web Sites
• Ministry of Internal Affairs and Communications (MIC): www.tele.soumu.go.jp/e/index.htm.
• Association of Radio Industries and Businesses (ARIB): www.arib.or.jp/english/.
5.5
Korea
The WILCS02PE/WILCS02UE modules have received certification of conformity in accordance with
the Radio Waves Act. Integration of this module into a final product does not require additional
radio certification provided installation instructions are followed and no modifications of the
module are allowed.
5.5.1
Labeling and User Information Requirements
The label on the final product which contains the WILCS02PE/WILCS02UE module(s) must follow KC
marking requirements. The integrator of the module should refer to the labeling requirements for
Korea available on the Korea Communications Commission (KCC) website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com