Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 9 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 9 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 5Page - Microchip Technology WILCS02PE Datasheet HTML 6Page - Microchip Technology WILCS02PE Datasheet HTML 7Page - Microchip Technology WILCS02PE Datasheet HTML 8Page - Microchip Technology WILCS02PE Datasheet HTML 9Page - Microchip Technology WILCS02PE Datasheet HTML 10Page - Microchip Technology WILCS02PE Datasheet HTML 11Page - Microchip Technology WILCS02PE Datasheet HTML 12Page - Microchip Technology WILCS02PE Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 9
Table 2-1. WILCS02IC Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Description
5
SD_DATA0/SDO1
I/O
SDIO, Data0
Connect to the SDIO data0 of the host device
O
SPI1, Serial Data Out
Connect to the Serial Data In of the host device
6
SD_DATA1/CS1
I/O
SDIO Data 1
Connect to the SDIO data1 of the host device
I
SPI1 Chip Select (Active-low)
Connect to the Chip Select of the host device
7
VDDIO
P
Input supply voltage to I/O Port (3.0-3.6V, 3.3V typical)
8
SD_DATA2/SDI1
I/O
SDIO, Data 2
Connect to the SDIO data2 of the host device
I
SPI1, Serial Data In
Connect to Serial Data Out of the host device
9
SD_DATA3/UART1_TX(5)
I/O
SDIO Data 3
Connect to the SDIO data3 of the host device
O
Used for external antenna calibration
Connect this signal to a test point or a pin header
10
INTOUT
O
Interrupt request (Active-low) from the Wi-Fi® device
11
UART2_TX
O
UART2 Transmit signal to print the firmware debug log
12
Reserved
I/O
Reserved pin, do not connect
13
Reserved
I/O
Reserved pin, do not connect
14
VDD33
P
Input supply voltage for the Main Power Domain (3.0-3.6V,
3.3V typical)
15
SPI_VDD15
P
1.5V input supply voltage to the RF internal SPI logic block
Connect to 1.5V on-chip PMU output
16
AFE_VDD15
P
1.5V input supply voltage to RF Analog Front-End
Connect to 1.5V on-chip PMU output
17
XTL_VDD15
P
1.5V input supply voltage to primary oscillator section
Connect to 1.5V on-chip PMU output
18
XTL_IN
I
40 MHz primary oscillator crystal input
19
XTL_OUT
O
40 MHz primary oscillator crystal output
20
SYN_SD_VDD15
P
1.5V input supply voltage to RF Synthesizer/SD
Connect to 1.5V on-chip PMU output
21
SYN_PLL_VDD15
P
1.5V Input supply voltage to RF Synthesizer/PLL
Connect to 1.5V on-chip PMU output
22
SYN_VCO_VDD15
P
1.5V input supply voltage to RF Synthesizer/VCO
Connect to 1.5V on-chip PMU output
23
SPI_FE_VDD15
P
1.5V input supply voltage to the RFIP Front-End and internal
SPI logic block
Connect to 1.5V on-chip PMU output
24
RXR_RIQ_VDD15
P
1.5V input supply voltage to RF IQ Mixer/RXR
Connect to 1.5V on-chip PMU output
25
RXR_LNA2_VDD15
P
1.5V input supply voltage to LNA stage-2
Connect to 1.5V on-chip PMU output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com