Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 27 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 27 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 23Page - Microchip Technology WILCS02PE Datasheet HTML 24Page - Microchip Technology WILCS02PE Datasheet HTML 25Page - Microchip Technology WILCS02PE Datasheet HTML 26Page - Microchip Technology WILCS02PE Datasheet HTML 27Page - Microchip Technology WILCS02PE Datasheet HTML 28Page - Microchip Technology WILCS02PE Datasheet HTML 29Page - Microchip Technology WILCS02PE Datasheet HTML 30Page - Microchip Technology WILCS02PE Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 27
2.7.2.1 External Antennas
The WILCS02UE Module has an ultra-small surface mount U.FL connector for an external antenna
connection. The choice of antenna is limited to the antenna types that the module is tested and
approved for.
The WILCS02UE Module is approved to use with the antennas listed in the following table. It is
permissible to use a different antenna provided it is the same antenna type, has the same antenna
gain (equal or less than) and similar in-band and out-of-band characteristics are present (refer to the
antenna specification sheet for cutoff frequencies).
If other antenna types are used, the Original Equipment Manufacturer (OEM) installer must conduct
the necessary assessments and authorize the antenna with the respective regulatory agencies and
ensure compliance.
Table 2-4. WILCS02 Module Approved External Antenna List with Antenna Gain
Antenna
No.
Part Number
Manufacturer
Antenna
Gain (dBi)
Antenna
Type
Regulatory
Certification
FCC/ISED(2)
(3)
CE
1
WXE2400
TE Connectivity/Laird External
Antennas
3
Dipole
x
x
2
ANT-2.4-CW-RCL-RPS
TE Connectivity/Linx
Technologies
2.3
Dipole
x
x
3
RFA-02-C2M2-D034
Alead
2
Dipole
x
x
4
RFA-02-L2H1
Aristotle
2
Dipole
x
x
5
RFA-02-C2H1-D034
Alead
2
Dipole
x
x
6
RFA-02-D3
Aristotle
2
Dipole
x
x
7
RFDPA870920IMLB301(5)
Walsin
1.84
Dipole
x
x
8
RFDPA870920IMAB302(5)
Walsin
1.82
Dipole
x
x
9
RFDPA870920IMAB305
Walsin
1.82
Dipole
x
x
10
RFDPA870910IMAB308(5)
Walsin
2
Dipole
x
x
11
RFA-02-C2M2
Aristotle
2
Dipole
x
x
12
RN-SMA-S-RP(5)
Microchip
0.56
Dipole
x
x
13
W1049B030(5)
Pulse
2
Dipole
x
x
14
RN-SMA4-RP
Microchip
2.2
Dipole
x
x
Notes: 
1. ‘x’ denotes the antennas covered under the certification.
2. If the end product using the module is designed to have an antenna port that is accessible to the end user, a
unique (non-standard) antenna connector (as permissible by FCC) must be used (for example, Reverse Polarity (RP))-
SubMiniature version A Connector (SMA) socket).
3. If an RF coaxial cable is used between the module RF output and the enclosure, a unique (non-standard) antenna
connector must be used in the enclosure wall to interface with the antenna.
4. Contact the antenna vendor for detailed antenna specifications to review the suitability to the end product operating
environment and to identify alternatives.
5. If any of these antennas are used, an additional post-calibration step is required on the customer’s application board.
For more details, refer to the WILCS02 Module External Antenna Calibration Guide (DS50003751).
2.8
WILCS02 Module Reflow Profile Information
The WILCS02 Module was assembled using the IPC/JEDEC J-STD-020 standard lead-free reflow
profile. The WILCS02 Module can be soldered to the host board using standard leaded or lead-free
solder reflow profiles. To avoid damaging the module, adhere to the following recommendations:
• For solder reflow recommendations, refer to the AN233 Solder Reflow Recommendation Application
Note (DS00233).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com