Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 70 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 70 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 63Page - Microchip Technology WILCS02PE Datasheet HTML 64Page - Microchip Technology WILCS02PE Datasheet HTML 65Page - Microchip Technology WILCS02PE Datasheet HTML 66Page - Microchip Technology WILCS02PE Datasheet HTML 67Page - Microchip Technology WILCS02PE Datasheet HTML 68Page - Microchip Technology WILCS02PE Datasheet HTML 69Page - Microchip Technology WILCS02PE Datasheet HTML 70Page - Microchip Technology WILCS02PE Datasheet HTML 71Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
WILCS02IC and WILCS02 Family
Document Revision History
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 70
Table 7-1. Document Revision History (continued)
Revision Date
Section
Description
Interface with Host Microcontroller
Updated Figure 2-8
Added Figure 2-9
Master Clear (MCLR) Pin
Updated Figure 2-6
Removed note referenced for the previous image
WILCS02 Module Routing Guidelines
Updated Figure 2-12
External Antennas
Updated Table 2-4
Added a note to refer the calibration guide for post-
calibration steps
WILCS02IC Absolute Maximum Ratings
Updated Table 3-1
Thermal Specifications
Updated Thermal Operating Conditions
Updated Recommended Operating Voltages
I/O Pin DC Electrical Specifications
Updated Table 3-6
WILCS02IC Wi-Fi Current Consumption
Updated Table 3-7
External XTAL POSC 40 MHz AC Electrical
Specifications
Updated Table 3-8
SPI Electrical Specifications
Updated SPI Client CPHA=0 Timing Diagram
Updated SPI Client CPHA=1 Timing Diagram
Updated SPI Client Mode Electrical Specifications
SDIO Controller and SDIO-SPI AC Timing
Specifications
Updated Table 3-9
Power-on Reset AC Electrical
Specifications
Modified the symbol TRST to T(nRST)
Extreme Deep Sleep (XDS) Current
Consumption
Removed this section
WILCS02IC Receiver and Transmitter
Characteristics Graphs
Updated first four plots
Thermal Specifications
Updated VDDIO voltage range and conditions
Wi-Fi Current Consumption
Updated Table 3-17
WILCS02 Module Receiver and
Transmitter Characteristics Graphs
Updated the plots
WILCS02IC Package Marking
Updated Figure 4-1
WILCS02 Module Packaging Marking
Added FCC and IC ID details
Updated Figure 4-2
WILCS02 Module Packaging Dimension
Updated package dimension
Appendix A: Regulatory Approval
Updated Great Britain/UKCA to the list
I/O Pin DC Electrical Specifications
Updated Table 3-6
Appendix A: Regulatory Approval
Added Regulatory Chapter
A
03/2024 Document
Initial Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com