Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 57 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 57 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 53Page - Microchip Technology WILCS02PE Datasheet HTML 54Page - Microchip Technology WILCS02PE Datasheet HTML 55Page - Microchip Technology WILCS02PE Datasheet HTML 56Page - Microchip Technology WILCS02PE Datasheet HTML 57Page - Microchip Technology WILCS02PE Datasheet HTML 58Page - Microchip Technology WILCS02PE Datasheet HTML 59Page - Microchip Technology WILCS02PE Datasheet HTML 60Page - Microchip Technology WILCS02PE Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
WILCS02IC and WILCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 57
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2024 Microchip Technology Inc.
Notes:
1. All dimensions are in
millimeters.
Sheet 2 of 2
28-Lead PCB Module (TEC) - 14.73x21.72x2.1 mm Body [MODULE]
With Metal Shield and Coaxial Connector
Microchip Technology Drawing C04-21567 Rev C
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Shield Height
PCB Thickness
Units
Dimension Limits
A2
A
b
A3
L
E
N
1.30 REF
1.90
0.70
0.60
0.80
2.10
0.80
21.72 BSC
MILLIMETERS
MIN
NOM
28
2.30
0.90
MAX
Overall Length
D
14.73 BSC
UFL Connector Height
A4
1.25 REF
0.50
0.70
0.70
0.90
Shield Width
E2
15.46
Shield Length
D1
13.63
15.36
15.56
13.53
13.73
Shield Width 2
E1
12.30
12.40
12.50
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com