Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02PE Datasheet(PDF) 43 Page - Microchip Technology

Part # WILCS02PE
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02PE Datasheet(HTML) 43 Page - Microchip Technology

Back Button WILCS02PE Datasheet HTML 39Page - Microchip Technology WILCS02PE Datasheet HTML 40Page - Microchip Technology WILCS02PE Datasheet HTML 41Page - Microchip Technology WILCS02PE Datasheet HTML 42Page - Microchip Technology WILCS02PE Datasheet HTML 43Page - Microchip Technology WILCS02PE Datasheet HTML 44Page - Microchip Technology WILCS02PE Datasheet HTML 45Page - Microchip Technology WILCS02PE Datasheet HTML 46Page - Microchip Technology WILCS02PE Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 43
Table 3-19. WILCS02 Module Receiver Performance Characteristics(1) (continued)
RF Characteristics
Standard Operating Conditions: VDD=VDDIO= 3.0V to
3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param. No.
Characteristics
Description(5)
Min.
Typ
Max.
Units
WF_RX_2
Sensitivity 802.11b
1 Mbps DSSS
-97
dBm
2 Mbps DSSS
-93
5.5 Mbps CCK
-92
11 Mbps CCK(6)
-88
WF_RX_3
Sensitivity 802.11g
6 Mbps OFDM
-91
dBm
9 Mbps OFDM
-90
12 Mbps OFDM
-88
18 Mbps OFDM
-86
24 Mbps OFDM
-83
36 Mbps OFDM
-80
48 Mbps OFDM
-75
54 Mbps OFDM(6)
-74
WF_RX_4
Sensitivity 802.11n
(Bandwidth at 20 MHz)
(Both long GI and
short GI)
MCS 0
-89
dBm
MCS 1
-86
MCS 2
-84
MCS 3
-81
MCS 4
-78
MCS 5
-74
MCS 6
-72
MCS 7(6)
-70
WF_RX_5
Maximum receive
signal level
1, 2 Mbps DSSS
-3
dBm
5.5, 11 Mbps CCK
-3
6 Mbps OFDM
-3
54 Mbps OFDM
-8.5
MCS 0
-3
MCS 7
-8.5
WF_RX_6
Adjacent channel
rejection
1 Mbps DSSS
43.5
dB
(30 MHz offset)
11 Mbps CCK
38.5
(25 MHz offset)
6 Mbps OFDM
46.5
(25 MHz offset)
54 Mbps OFDM
28.5
(25 MHz offset)
MCS 0 – 20 MHz Bandwidth
(25 MHz offset)
45.5
MCS 7 – 20 MHz Bandwidth
(25 MHz offset)
25.5
WF_RX_7
RSSI accuracy
-5
5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com