Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 148 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 149Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 150Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
WD_EN
WD Ttmer
0
WD disabled
1
WD enabled
Table 195. System watchdog enable bit
The system watchdog is not available in the Low-power STANDBY or SYSTEM OFF states.
The PF09 family of devices supports two different modes of operation for the watchdog monitoring interface.
The mode of operation depends on the target safety integrity level supported by each specific device version.
For QM and ASIL B devices requiring low to medium coverage, a static watchdog is used to ensure coverage
for timing, stuck-at and I2C data write conditions in the MCU.
For custom ASIL B, ASIL D and SIL 2 devices requiring medium to high coverage, a dynamic watchdog is used
to ensure coverage for timing, stuck-at conditions, I2C read/write and data computing condition in the MCU.
14.4.1 Static WD
On devices using the static watchdog, the WD_SEED[7:0] register will provide a static seed to clear the
watchdog.
The WD_SEED[7:0] bits will be reset to the default value (0xA5) at power up and during hard reset conditions,
however a soft reset will not reset the WD seed.
The system will always use the selected value in the WD_SEED[7:0] bits to calculate the response to service
the PMIC watchdog, but the MCU can modify this value if it decides to use a different key for security purposes.
14.4.2 Dynamic WD
On devices using the dynamic watchdog, the WD_SEED [7:0] bits will provide a dynamic seed to be used to
clear the watchdog.
The default value of the WD_SEED[7:0] bits at power-up and hard-reset conditions is reset to 0xA5, and it will
recalculate every time a WD refresh is attempted (regardless of whether it is successful or not). A soft reset
condition will not reset the WD_SEED[7:0] bits, to provide continuity to the previous dynamic seed generation
loop.
The system can implement two different strategies to service the dynamic watchdog. based on the level of
complexity required to ensure processing coverage:
1. Seed readback method: the MCU must read the current seed from the WD_SEED[7:0] bits, and use the
value read to calculate the response key to service the current WD cycle.
2. Seed calculation method: the MCU will synchronize its starting seed with the PMIC during the booting
sequence, and it must implement an algorithm to calculate the next seed using the same algorithm as the
one implemented in the PF09 watchdog interface, such that it can keep servicing the watchdog without
requiring any further seed synchronization from the PMIC. If the MCU falls out of synchronization, it can
always read the current seed, or re-set the seed via I2C, to regain synchronization with the PMIC.
The polynomial used to calculate the dynamic seed in the PF09 is provided below:
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
148 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com