Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 149 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 149Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 150Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056573
7
6
5
4
3
x7 + x4 + x3 + x2 + 1
Default seed = 1010 0101
2
1
0
Figure 39. Dynamic watchdog polynomial
When operating in dynamic WD mode, WD_SEED = 0x00 or WD_SEED = 0xFF are invalid values. The PMIC
will ignore the command and generate a WD_ERROR_I interrupt to notify the system that no action has been
taken.
14.4.3 Servicing the watchdog timer
The procedure to clear the watchdog counter is the same for both static and dynamic watchdog, with the only
difference that the seed required to clear the watchdog will keep changing when the dynamic WD mode is
enabled, whereas the seed remains stable in the static WD mode.
To service the watchdog, the MCU must write a valid response in the WD_CLEAR[7:0] bits before the watchdog
timer expires.
A valid response must meet the following conditions:
• The response is calculated as the bitwise NOT of the WD_SEED[7:0] bits.
• The response must be provided within an open window.
Providing a valid key into the WD_CLEAR[7:0] register will generate a WD_OK event.
When the MCU fails to clear the system watchdog (invalid response or WD duration expired), the device will
generate a WD_NOK event, set the WD_ERROR_I flag, and the INTB will be asserted, as long as the interrupt
is not masked
The watchdog timer will be reset after either a WD_OK or a WD_NOK event, to start a new service window.
The WD_DURATION[3:0] bits are used to set the duration of the watchdog timer to service the watchdog. The
WD timer will expire when it reaches the value set on the WD_DURATION[3:0] while WD refresh is present.
WD_DURATION[3:0]
Watchdog timer duration
0000
1 ms
0001
2 ms
0010
4 ms
0011
8 ms
0100
16 ms
0101
32 ms
0110
64 ms
0111
128 ms
1000
256 ms
1001
512 ms
1010
1024 ms
Table 196. System watchdog timer configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
149 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com