Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 166 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 167Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 170Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
• VSW2_RUN[7:0]
• VSW3_RUN[7:0]
• VSW4_RUN[7:0]
• VSW5_RUN[7:0]
• VSELECT_EN
• LDO1_RUN_EN
• LDO2_RUN_EN
• LDO3_RUN_EN
• SW1_RUN_MODE[1:0]
• SW2_RUN_MODE[1:0]
• SW3_RUN_MODE[1:0]
• SW4_RUN_MODE[1:0]
• SW5_RUN_MODE[1:0]
2. Initiate request for LBIST on demand by sending SYS_CMD = 0x4A
3. Wait until the LBIST flag "LBIST_DONE_I" is set to "1"
4. Write back the registers content to the registers
5. Clear the LBIST flag (LBIST_DONE_I)
6. Release FS0B
When an LBIST on-demand routine is started, the device will assert the FS0B pin to set the system into a safe
state. It will perform the LBIST routine while maintaining functional operation such as providing proper output
voltage regulation.
The PF09 will test the logic gates controlling the following safety related mechanisms:
• OV/UV monitoring logic and deglitchers
• FCCU inputs
• ERRMON input
• Watchdog management
• Dynamic CRC
• FS0B control logic (on main)
• PGOOD control logic
• DMS interface logic (on main)
During LBIST on demand, the RSTB pin remains released to ensure the MCU is still out of reset and in control
of the system operation, in order to maintain a safe state during the execution of the LBIST routine.
When the MCU is requesting an LBIST on demand, it knows it will enter a non-monitored condition, therefore
it should stop any critical operation and enter a safe state until the LBIST_DONE interrupt is provided. The
system can inspect the result for the LBIST routine and proceed to release FS0B via I2C communication.
The LBIST_STATUS[1:0] bits will be used to read the status/result of the LBIST after the LBIST_DONE interrupt
is generated (see Table 219).
If the LBIST routine fails, the PF09 will not be able to release the FS0B pin until a new LBIST on-demand
routine is requested and LBIST passes.
To prevent a WD desynchronization during LBIST on demand, if the watchdog monitoring is enabled, the WD
counter will be temporarily halted during the LBIST routine and it will regain operation when the LBIST_DONE_I
flag is cleared. At this point, the system will be able to re-synchronize the WD when it clears the LBIST_DONE_I
flag.
The FS0B will not release if the LBIST_DONE_I flag is asserted.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
166 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com