Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 170 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 170 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 167Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 170Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 171Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 172Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 173Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 174Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
14.12.2.1 Safety handshake configuration registers
A single handshake failure will assert the FS0B pin and set the SHS_I interrupt. The OTP_SHS_RSTB[2:0] bits
are provided to set the number of bad safety-handshake transactions needed to cause the RSTB to be asserted
and generate a critical fault condition.
OTP_SHS_RSTB[2:0]
SHS faults to assert RSTB
Maximum latency
000
1 HS fault
100 μs
001
2 HS faults
300 μs
010
4 HS faults
700 μs
011
8 HS faults
1,500 μs
100
16 HS faults
3100 μs
101
32 HS faults
6300 μs
110
64 HS faults
12,700 μs
111
No RSTB asserted
Infinite
Table 220. SHS faults to assert RSTB
OTP_SHS_CUTOFF[2:0] bits are provided to set the number of bad safety-handshake transactions needed
before the DMS can take full control of the voltage regulators and disable the power stage via the power-cutoff
signals.
OTP_SHS_CUTOFF[2:0]
HS faults to power cutoff
Maximum latency
000
1 HS fault
100 μs
001
2 HS faults
300 μs
010
4 HS faults
700 μs
011
8 HS faults
1500 μs
100
16 HS faults
3100 μs
101
32 HS faults
6300 μs
110
64 HS faults
12700 μs
111
No Power Cutoff
Infinite
Table 221. SHS faults to power cutoff
14.12.2.2 Bandgap monitor fault protection
When the DMS detects a drift between the internal bandgaps, the DMS will assert the FS0B output and the
BGMON_I interrupt will be set. If the BGMON fault condition is temporary, no critical fault is generated, but
the BGMON_I flag and the FS0B output remain asserted until the MCU is able to clear the BGMON flag and
release the FS0B.
If the BGMON fault conditions are persistent, the OTP_BGM_RSTB[1:0] bits set the debounce time before the
DMS sends a critical fault notification to assert the RSTB pin.
OTP_BGM_RSTB[1:0]
BGMON RSTB debounce
00
No assertion
01
10 μs
Table 222. BGMON RSTB debounce time to assert RSTB via the DMS
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
170 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com