Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 27Page - Microchip Technology PIC16F15213 Datasheet HTML 28Page - Microchip Technology PIC16F15213 Datasheet HTML 29Page - Microchip Technology PIC16F15213 Datasheet HTML 30Page - Microchip Technology PIC16F15213 Datasheet HTML 31Page - Microchip Technology PIC16F15213 Datasheet HTML 32Page - Microchip Technology PIC16F15213 Datasheet HTML 33Page - Microchip Technology PIC16F15213 Datasheet HTML 34Page - Microchip Technology PIC16F15213 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 408 page
background image
9.
Memory Organization
These devices contain the following types of memory:
• Program Memory
– Configuration Words
– Device ID
– User ID
– Program Flash Memory
– Device Information Area (DIA)
– Device Configuration Information (DCI)
– Revision ID
• Data Memory
– Core Registers
– Special Function Registers
– General Purpose RAM
– Common RAM
The following features are associated with access and control of program memory and data memory:
• PCL and PCLATH
• Stack
• Indirect Addressing
• NVMREG access
9.1
Program Memory Organization
The enhanced mid-range core has a 15-bit Program Counter capable of addressing 32K x 14 program memory
space. The table below shows the memory sizes implemented. Accessing a location above these boundaries will
cause a wrap-around within the implemented memory space.
The Reset vector is at 0000h and the interrupt vector is at 0004h. Refer to the “Interrupts” chapter for more details.
Table 9-1. Device Sizes And Addresses
Device
Program Memory Size (Words)
Last Program Memory Address
PIC16F15225
8192
1FFFh
PIC16F15245
8192
1FFFh
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com