Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 83Page - Microchip Technology PIC16F15213 Datasheet HTML 84Page - Microchip Technology PIC16F15213 Datasheet HTML 85Page - Microchip Technology PIC16F15213 Datasheet HTML 86Page - Microchip Technology PIC16F15213 Datasheet HTML 87Page - Microchip Technology PIC16F15213 Datasheet HTML 88Page - Microchip Technology PIC16F15213 Datasheet HTML 89Page - Microchip Technology PIC16F15213 Datasheet HTML 90Page - Microchip Technology PIC16F15213 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 408 page
background image
12.9.1
INTCON
Name: 
INTCON
Offset: 
0x00B
Interrupt Control Register
Bit
7
6
5
4
3
2
1
0
GIE
PEIE
INTEDG
Access
R/W
R/W
R/W
Reset
0
0
1
Bit 7 – GIE Global Interrupt Enable
Value
Description
1
Enables all active interrupts
0
Disables all interrupts
Bit 6 – PEIE Peripheral Interrupt Enable
Value
Description
1
Enables all active peripheral interrupts
0
Disables all peripheral interrupts
Bit 0 – INTEDG External Interrupt Edge Select
Value
Description
1
Interrupt on rising edge of INT pin
0
Interrupt on falling edge of INT pin
Note:  Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the Global Enable bit. User software should ensure the appropriate interrupt flag bits are clear prior to
enabling an interrupt. This feature allows for software polling.
PIC16F15225/45
Interrupts
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com