Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 32Page - Microchip Technology PIC16F15213 Datasheet HTML 33Page - Microchip Technology PIC16F15213 Datasheet HTML 34Page - Microchip Technology PIC16F15213 Datasheet HTML 35Page - Microchip Technology PIC16F15213 Datasheet HTML 36Page - Microchip Technology PIC16F15213 Datasheet HTML 37Page - Microchip Technology PIC16F15213 Datasheet HTML 38Page - Microchip Technology PIC16F15213 Datasheet HTML 39Page - Microchip Technology PIC16F15213 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 408 page
background image
9.1.3.2
External Unique Identifier (EUI)
The EUI data is stored at locations 810Ah to 8111h in the program memory region. This region is an optional space
for placing application specific information. The data is coded per customer requirements during manufacturing. The
EUI cannot be erased by a Bulk Erase command.
Important:  Data is stored in this address range on receiving a request from the customer. The customer
may contact the local sales representative or Field Applications Engineer, and provide them the unique
identifier information that is required to be stored in this region.
9.1.3.3
Fixed Voltage Reference Data
The Fixed Voltage Reference (FVR) is a stable voltage reference, independent of VDD, with 1.024V, 2.048V or 4.096V
selectable output levels. The output of the FVR can be configured to supply a reference voltage to the following:
• ADC input channel
• ADC positive reference
For more information on the FVR, refer to the “FVR - Fixed Voltage Reference” chapter.
The DIA stores measured FVR voltages for this device in mV for the different buffer settings of 1x, 2x or 4x.
• FVRA1X stores the value of ADC FVR1 Output Voltage for 1x setting (in mV)
• FVRA2X stores the value of ADC FVR1 Output Voltage for 2x setting (in mV)
• FVRA4X stores the value of ADC FVR1 Output Voltage for 4x setting (in mV)
9.1.4
Device Configuration Information (DCI)
The Device Configuration Information (DCI) is a dedicated region in the memory that holds information about the
device, which is useful for programming and bootloader applications. The data stored in this region is read-only and
cannot be modified/erased. Refer to the table below for complete DCI table addresses and description.
Table 9-4. Device Configuration Information
Address
Name
Description
Value
Units
PIC16F15225
PIC16F15245
8200h
ERSIZ
Erase row size
32
Words
8201h
WLSIZ
Number of write
latches per row
32
Words
8202h
URSIZ
Number of user
erasable rows
256
256
Rows
8203h
EESIZ
Data EEPROM
memory size
0
Bytes
8204h
PCNT
Pin Count
14/20
14/20
Pins
9.1.4.1
DIA and DCI Access
The DIA and DCI data are read-only and cannot be erased or modified. See “NVMREG Access to DIA, DCI, User
ID, DEV/REV ID, and Configuration Words” section in the “NVM - Nonvolatile Memory Control” chapter for more
information on accessing these memory locations.
Development tools, such as device programmers and debuggers, may be used to read the DIA and DCI regions,
similar to the Device ID and Revision ID.
9.2
Data Memory Organization
The data memory is partitioned into up to 64 memory banks with 128 bytes in each bank. Each bank consists of:
• 12 core registers
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com