Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 65Page - Microchip Technology PIC16F15213 Datasheet HTML 66Page - Microchip Technology PIC16F15213 Datasheet HTML 67Page - Microchip Technology PIC16F15213 Datasheet HTML 68Page - Microchip Technology PIC16F15213 Datasheet HTML 69Page - Microchip Technology PIC16F15213 Datasheet HTML 70Page - Microchip Technology PIC16F15213 Datasheet HTML 71Page - Microchip Technology PIC16F15213 Datasheet HTML 72Page - Microchip Technology PIC16F15213 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 408 page
background image
10.12.2 PCON0
Name: 
PCON0
Offset: 
0x813
Power Control Register 0
Bit
7
6
5
4
3
2
1
0
STKOVF
STKUNF
RWDT
RMCLR
RI
POR
BOR
Access
R/W/HS
R/W/HS
R/W/HC
R/W/HC
R/W/HC
R/W/HC
R/W/HC
Reset
0
0
1
1
1
0
q
Bit 7 – STKOVF Stack Overflow Flag
Reset States: POR/BOR = 0
All Other Resets = q
Value
Description
1
A Stack Overflow occurred (more CALLs than fit on the stack)
0
A Stack Overflow has not occurred or set to ‘0’ by firmware
Bit 6 – STKUNF Stack Underflow Flag
Reset States: POR/BOR = 0
All Other Resets = q
Value
Description
1
A Stack Underflow occurred (more RETURNs than CALLs)
0
A Stack Underflow has not occurred or set to ‘0’ by firmware
Bit 4 – RWDT WDT Reset Flag
Reset States: POR/BOR = 1
All Other Resets = q
Value
Description
1
A WDT overflow/time-out Reset has not occurred or set to ‘1’ by firmware
0
A WDT overflow/time-out Reset has occurred (set to ‘0’ in hardware when a WDT Reset occurs)
Bit 3 – RMCLR  MCLR Reset Flag
Reset States: POR/BOR = 1
All Other Resets = q
Value
Description
1
A MCLR Reset has not occurred or set to ‘1’ by firmware
0
A MCLR Reset has occurred (set to ‘0’ in hardware when a MCLR Reset occurs)
Bit 2 – RI  RESET Instruction Flag
Reset States: POR/BOR = 1
All Other Resets = q
Value
Description
1
A RESET instruction has not been executed or set to ‘1’ by firmware
0
A RESET instruction has been executed (set to ‘0’ in hardware upon executing a RESET instruction)
Bit 1 – POR Power-on Reset Status
Reset States: POR/BOR = 0
All Other Resets = u
Value
Description
1
No Power-on Reset occurred or set to ‘1’ by firmware
0
A Power-on Reset occurred (set to ‘0’ in hardware when a Power-on Reset occurs)
Bit 0 – BOR Brown-out Reset Status
Reset States: POR/BOR = q
PIC16F15225/45
Resets
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com