Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 30Page - Microchip Technology PIC16F15213 Datasheet HTML 31Page - Microchip Technology PIC16F15213 Datasheet HTML 32Page - Microchip Technology PIC16F15213 Datasheet HTML 33Page - Microchip Technology PIC16F15213 Datasheet HTML 34Page - Microchip Technology PIC16F15213 Datasheet HTML 35Page - Microchip Technology PIC16F15213 Datasheet HTML 36Page - Microchip Technology PIC16F15213 Datasheet HTML 37Page - Microchip Technology PIC16F15213 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 408 page
background image
9.1.2.4
Memory Write Protection
All the memory blocks have corresponding write protection bits (WRTAPP, WRTB and WRTC). If write-protected
locations are written from NVMCON registers, the memory is not changed and the WRERR bit of the NVMCON1
register is set as explained in the “WRERR Bit” section in the “NVM - Nonvolatile Memory Control” chapter.
9.1.2.5
Memory Violation
A Memory Execution Violation Reset occurs while executing an instruction that has been fetched from outside a valid
execution area, clearing the MEMV bit. Refer to the “Memory Execution Violation” section in the “Resets” chapter
for the available valid program execution areas and the PCON1 register definition for MEMV bit conditions.
Table 9-2. Memory Access Partition
REG
Address
Partition
BBEN = 1 SAFEN
= 1
BBEN = 1
SAFEN = 0
BBEN = 0 SAFEN
= 1
BBEN = 0
SAFEN = 0
PFM
00 0000h ... Last Block
Memory Address
Application
Block(4)
Application
Block(4)
Boot Block(4)
Boot Block(4)
Last Boot Block
Memory Address
+ 1(1) ... Last Program
Memory Address - 80h
Application
Block(4)
Application
Block(4)
Last Program Memory
Address - 7Fh(2) ... Last
Program Memory
Address
SAF(4)
SAF(4)
CONFIG
Config Memory
Address(3)
CONFIG
Notes: 
1.
Last Boot Block Memory Address is based on BBSIZE.
2.
Last Program Memory Address is the Flash size given in the “Program Memory Organization” section in the
“NVM - Nonvolatile Memory Control” chapter.
3.
Config Memory Address are the address locations of the Configuration Words given in the “NVMREG Access
to DIA, DCI, User ID, DEV/REV ID, and Configuration Words” section in the “NVM - Nonvolatile Memory
Control” chapter.
4.
Each memory block has a corresponding write protection fuse defined by the WRTAPP, WRTB, and WRTC
bits.
9.1.3
Device Information Area (DIA)
The Device Information Area (DIA) is a dedicated region in the Program Flash Memory. The data is mapped from
address 8100h to 811 Fh. These locations are read-only and cannot be erased or modified. The DIA contains the
Microchip Unique Identifier words, and the Fixed Voltage Reference (FVR) voltage readings in millivolts (mV). Table
9-3 holds the DIA information for the PIC16F152 family of microcontrollers.
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com