Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 7Page - Microchip Technology PIC16F15213 Datasheet HTML 8Page - Microchip Technology PIC16F15213 Datasheet HTML 9Page - Microchip Technology PIC16F15213 Datasheet HTML 10Page - Microchip Technology PIC16F15213 Datasheet HTML 11Page - Microchip Technology PIC16F15213 Datasheet HTML 12Page - Microchip Technology PIC16F15213 Datasheet HTML 13Page - Microchip Technology PIC16F15213 Datasheet HTML 14Page - Microchip Technology PIC16F15213 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 408 page
background image
3.
Pin Allocation Tables
Table 3-1. 14/16-Pin Allocation Table
I/O
14-Pin
SOIC
TSSOP
16-Pin
VQFN
ADC
Reference
Timers
CCP
10-Bit
PWM
MSSP
EUSART
IOC
Interrupt
Basic
RA0
13
12
ANA0
—
—
—
—
—
—
IOCA0
—
ICSPDAT
ICDDAT
RA1
12
11
ANA1
VREF+ (ADC)
—
—
—
—
—
IOCA1
—
ICSPCLK
ICDCLK
RA2
11
10
ANA2
—
T0CKI(1)
—
—
—
—
IOCA2
INT(1)
—
RA3
4
3
—
—
—
—
—
—
—
IOCA3
—
MCLR
VPP
RA4
3
2
ANA4
—
T1G(1)
—
—
—
—
IOCA4
—
CLKOUT
RA5
2
1
ANA5
—
T1CKI(1)
T2IN(1)
—
—
—
—
IOCA5
—
CLKIN
RC0
10
9
—
—
—
—
—
SCL1(1,3,4)
SCK1(1,3,4)
—
IOCC0
—
—
RC1
9
8
—
—
—
—
—
SDA1(1,3,4)
SDI1(1,3,4)
—
IOCC1
—
—
RC2
8
7
ANC2
ADACT(1)
—
—
—
—
—
—
IOCC2
—
—
RC3
7
6
ANC3
—
—
CCP2(1)
—
SS1(1)
—
IOCC3
—
—
RC4
6
5
ANC4
—
—
—
—
—
CK1(1,3)
IOCC4
—
—
RC5
5
4
ANC5
—
—
CCP1(1)
—
—
RX1(1)
DT1(1, 3)
IOCC5
—
—
VDD
1
16
—
—
—
—
—
—
—
—
—
VDD
VSS
14
13
—
—
—
—
—
—
—
—
—
VSS
OUT(2)
—
—
—
—
TMR0
CCP1
CCP2
PWM3
PWM4
SCL1
SCK1
SDA1
SDO1
TX1
DT1
CK1
—
—
—
Notes: 
1.
This is a PPS remappable input signal. The input function may be moved from the default location shown to any PORTx pin.
2.
All output signals shown in this row are PPS remappable.
3.
This is a bidirectional signal. For normal operation, user software must map this signal to the same pin via the PPS input and PPS output registers.
4.
These pins can be configured for I2C or SMBus logic levels via the RxyI2C registers. The SCL1/SDA1 signals may be assigned to these pins for expected
operation. PPS assignments of these signals to other pins will operate; however, the logic levels will be standard TTL/ST as selected by the INLVL register.
Table 3-2. 20-Pin Allocation Table
I/O
20-Pin
PDIP
SSOP
SOIC
20-Pin
VQFN
ADC
Reference
Timers
CCP
10-Bit
PWM
MSSP
EUSART
IOC
Interrupt
Basic
RA0
19
16
ANA0
—
—
—
—
—
—
IOCA0
—
ICSPDAT
ICDDAT
RA1
18
15
ANA1
VREF+ (ADC)
—
—
—
—
—
IOCA1
—
ICSPCLK
ICDCLK
RA2
17
14
ANA2
—
T0CKI(1)
—
—
—
—
IOCA2
INT(1)
—
PIC16F15225/45
Pin Allocation Tables
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com