Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 39Page - Microchip Technology PIC16F15213 Datasheet HTML 40Page - Microchip Technology PIC16F15213 Datasheet HTML 41Page - Microchip Technology PIC16F15213 Datasheet HTML 42Page - Microchip Technology PIC16F15213 Datasheet HTML 43Page - Microchip Technology PIC16F15213 Datasheet HTML 44Page - Microchip Technology PIC16F15213 Datasheet HTML 45Page - Microchip Technology PIC16F15213 Datasheet HTML 46Page - Microchip Technology PIC16F15213 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 408 page
background image
Figure 9-8. Memory Map - Bank 62
1F00h
1F0Bh
Core Registers
1F0Ch
—
1F40h
—
1F0Dh
—
1F41h
—
1F0Eh
—
1F42h
—
1F0Fh
—
1F43h
ANSELB
(1)
1F10h
RA0PPS
1F44h
WPUB
(1)
1F11h
RA1PPS
1F45h
ODCONB
(1)
1F12h
RA2PPS
1F46h
SLRCONB
(1)
1F13h
—
1F47h
INLVLB
(1)
1F14h
RA4PPS
1F48h
IOCBP
(1)
1F15h
RA5PPS
1F49h
IOCBN
(1)
1F16h
1F4Ah
IOCBF
(1)
-
1F4Bh
—
1F1Bh
1F4Ch
—
1F1Ch
RB4PPS
(1)
1F4Dh
—
1F1Dh
RB5PPS
(1)
1F4Eh
ANSELC
1F1Eh
RB6PPS
(1)
1F4Fh
WPUC
1F1Fh
RB7PPS
(1)
1F50h
ODCONC
1F20h
RC0PPS
1F51h
SLRCONC
1F21h
RC1PPS
1F52h
INLVLC
1F22h
RC2PPS
1F53h
IOCCP
1F23h
RC3PPS
1F54h
IOCCN
1F24h
RC4PPS
1F55h
IOCCF
1F25h
RC5PPS
1F56h
1F26h
RC6PPS
(1)
-
1F27h
RC7PPS
(1)
1F6Fh
1F28h
1F70h
-
-
1F37h
1F7Fh
1F38h
ANSELA
1F39h
WPUA
1F3Ah
ODCONA
1F3Bh
SLRCONA
1F3Ch
INLVLA
1F3Dh
IOCAP
1F3Eh
IOCAN
1F3Fh
IOCAF
Note:
1. Available on 20-pin devices only.
BANK 62
Legend:
Unimplemented data memory locations, read as '0'
Reserved
Reserved
Reserved
Common RAM
(Accesses 70h-
7Fh)
9.3
STATUS Register
The STATUS register contains:
• the arithmetic status of the ALU
• the Reset status
The STATUS register can be the destination for any instruction, like any other register. If the STATUS register is the
destination for an instruction that affects the Z, DC or C bits, then writes to these three bits are disabled. These bits
are set or cleared according to the device logic. Furthermore, the TO and PD bits are not writable. Therefore, the
result of an instruction with the STATUS register as destination may be different than intended.
For example, CLRF STATUS will clear bits [4:3] and [1:0], and set the Z bit. This leaves the STATUS register as
‘000u u1uu’ (where u = unchanged).
It is recommended, therefore, that only BCF, BSF, SWAPF and MOVWF instructions are used to alter the STATUS
register, because these instructions do not affect any Status bits. For other instructions not affecting any Status bits,
refer to the “Instruction Set Summary” chapter.
Important:  The C and DC bits operate as Borrow and Digit Borrow out bits, respectively, in subtraction.
PIC16F15225/45
Memory Organization
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com