Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 85Page - Microchip Technology PIC16F15213 Datasheet HTML 86Page - Microchip Technology PIC16F15213 Datasheet HTML 87Page - Microchip Technology PIC16F15213 Datasheet HTML 88Page - Microchip Technology PIC16F15213 Datasheet HTML 89Page - Microchip Technology PIC16F15213 Datasheet HTML 90Page - Microchip Technology PIC16F15213 Datasheet HTML 91Page - Microchip Technology PIC16F15213 Datasheet HTML 92Page - Microchip Technology PIC16F15213 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 408 page
background image
12.9.3
PIE1
Name: 
PIE1
Offset: 
0x717
Peripheral Interrupt Enable Register 1
Bit
7
6
5
4
3
2
1
0
CCP1IE
TMR2IE
TMR1IE
RC1IE
TX1IE
BCL1IE
SSP1IE
ADIE
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – CCP1IE CCP1 Interrupt Enable
Value
Description
1
CCP1 interrupts are enabled
0
CCP1 interrupts are disabled
Bit 6 – TMR2IE TMR2 Interrupt Enable
Value
Description
1
TMR2 interrupts are enabled
0
TMR2 interrupts are disabled
Bit 5 – TMR1IE TMR1 Interrupt Enable
Value
Description
1
TMR1 interrupts are enabled
0
TMR1 interrupts are disabled
Bit 4 – RC1IE EUSART1 Receive Interrupt Enable
Value
Description
1
EUSART1 receive interrupts are enabled
0
EUSART1 receive interrupts are disabled
Bit 3 – TX1IE EUSART1 Transmit Interrupt Enable
Value
Description
1
EUSART1 transmit interrupts are enabled
0
EUSART1 transmit interrupts are disabled
Bit 2 – BCL1IE MSSP1 Bus Collision Interrupt Enable
Value
Description
1
MSSP1 bus collision interrupts are enabled
0
MSSP1 bus collision interrupts are disabled
Bit 1 – SSP1IE MSSP1 Interrupt Enable
Value
Description
1
MSSP1 interrupts are enabled
0
MSSP1 interrupts are disabled
Bit 0 – ADIE ADC Interrupt Enable
Value
Description
1
ADC interrupts are enabled
0
ADC interrupts are disabled
Note:  Bit PEIE of the INTCON register must be set to enable any peripheral interrupt controlled by registers PIE1
and PIE2.
PIC16F15225/45
Interrupts
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com