Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 58Page - Microchip Technology PIC16F15213 Datasheet HTML 59Page - Microchip Technology PIC16F15213 Datasheet HTML 60Page - Microchip Technology PIC16F15213 Datasheet HTML 61Page - Microchip Technology PIC16F15213 Datasheet HTML 62Page - Microchip Technology PIC16F15213 Datasheet HTML 63Page - Microchip Technology PIC16F15213 Datasheet HTML 64Page - Microchip Technology PIC16F15213 Datasheet HTML 65Page - Microchip Technology PIC16F15213 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 408 page
background image
10.2
Brown-out Reset (BOR)
The BOR circuit holds the device in Reset when VDD reaches a selectable minimum level. Between the POR and
BOR, complete voltage range coverage for execution protection can be implemented.
The Brown-out Reset module has four operating modes controlled by the BOREN bits. The four operating modes are:
• BOR is always ON
• BOR is OFF when in Sleep
• BOR is controlled by software
• BOR is always OFF
Refer to Table 10-1 for more information.
The Brown-out Reset voltage level is selectable by configuring the BORV bits.
A VDD noise rejection filter prevents the BOR from triggering on small events. If VDD falls below VBOR for a duration
greater than parameter TBORDC, the device will reset and the BOR bit will be cleared, indicating the Brown-out Reset
condition occurred. See Figure 10-2.
10.2.1
BOR is Always ON
When the BOREN bits are programmed to ‘11’, the BOR is always ON. The device start-up will be delayed until the
BOR is ready and VDD is higher than the BOR threshold.
BOR protection is active during Sleep. The BOR does not delay wake-up from Sleep.
10.2.2
BOR is OFF in Sleep
When the BOREN bits are programmed to ‘10’, the BOR is on, except in Sleep. BOR protection is not active during
Sleep, but device wake-up will be delayed until the BOR can determine that VDD is higher than the BOR threshold.
The device wake-up will be delayed until the BOR is ready.
10.2.3
BOR Controlled by Software
When the BOREN bits of Configuration Words are programmed to ‘01’, the BOR is controlled by the SBOREN bit.
The device start-up is not delayed by the BOR ready condition or the VDD level.
BOR protection begins as soon as the BOR circuit is ready. The status of the BOR circuit is reflected in the BORRDY
bit.
BOR protection is unchanged by Sleep.
Table 10-1. BOR Operating Modes
BOREN
SBOREN
Device Mode
BOR Mode
Instruction Execution upon:
Release of POR
Wake-up from
Sleep
11(1)
X
X
Active
Wait for release of BOR
(BORRDY = 1)
Begins
immediately
10
X
Awake
Active
Wait for release of BOR
(BORRDY = 1)
N/A
Sleep
Hibernate
N/A
Wait for release
of BOR
(BORRDY = 1)
01
1
X
Active
Wait for release of BOR
(BORRDY = 1)
Begins
immediately
0
X
Hibernate
00
X
X
Disabled
Begins immediately
PIC16F15225/45
Resets
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com